Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS42FG Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMP88CS42FG
Description  8 Bit Microcontroller
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS42FG Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMP88CS42FG Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 216 page
background image
Page 87
TMP88CS42FG
Figure 9-4 External Trigger Mode Timing Chart
9.3.3 Event counter mode
In this mode, the timer/counter counts up at the active edge on CTC pin input (rising or falling edge selected
with the CTC1CR1<CTC1SE> which is provided for selecting external trigger edge). When the counter value
and the set value of the CTC1DRA Register match, an INTCTC1 interrupt is generated and the counter is
cleared. After the counter is cleared, it restarts and continues counting up at each edge on CTC pin input. The
maximum applied frequency is shown in the table below. Because coincidence detection is made at an edge
opposite the selected edge, the external clock signal on CTC pin must always be entered.
Figure 9-5 Event Counter Mode Timing Chart
12
0
0
1
n - 1
m
1
3
2
n
CTC pin input
Internal clock
Counter
(II) When rising start edge is selected, with counting enabled on both edges
( CTC1SE = 0, CTC1E = 1 )
Timer
Register A
Count start
Count stop
Count start
INTCTC1
interrupt
n
Successive
Trigger
Trigger
Trigger
12
0
3
0
2
n
5 0
1
3
4
1
2
CTC pin input
Internal clock
Counter
Timer
Register A
Count start
Count clear
Count start
INTCTC1
interrupt
n
One Shot
Trigger
Trigger
Trigger
Note) m < n
1
0
2
1
n - 1
n
0
n
Timer Register
CTC pin input
When rising start edge is selected
Counter
Command start
INTCTC1
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com