Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS43FG Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMP88CS43FG
Description  8 Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS43FG Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMP88CS43FG Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 218 page
background image
Page 87
TMP88CS43FG
9.3 Function
Compare timer/counter 1 has three modes: timer, event counter, and programmable pulse generator output modes.
9.3.1 Timer mode with software start
In this mode, the timer/counter (16-bit counter) counts up synchronously with the internal clock. When the
counter value and the set value of Compare Timer Register 1 (CTC1DRA) match, an INTCTC1 interrupt is
generated and the counter is cleared. After the counter is cleared, it restarts and continues counting up.
Figure 9-2 Timer Mode Timing Chart
Note:If the CTC input port (P47) is set for input mode, the timer/counter is reset by an input edge on port. When
using the timer/counter as an ordinary timer, set CTC1CR2<EXTRGDIS> to 1 or set P47 for output mode.
Table 9-1 Internal Clock Source for Compare Timer/Counter 1 (Example: fc = 20 MHz)
CTC1CK
NORMAL and IDLE Modes
DV1CK = 0
DV1CK = 1
Resolution [
µs]
Maximum Setting Time [s]
Resolution [
µs]
Maximum Setting Time [s]
000
102.4
6.71
204.8
13.42
001
6.4
0.419
12.8
0.839
010
1.6
0.105
3.2
0.210
011
0.4
26.21 m
0.8
52.43 m
100
0.2
13.11 m
0.4
26.21 m
101
0.1
6.55 m
0.2
13.11 m
110
-
-
-
-
12
3
0
n
n - 1
2
5
48
39
6
7
1
n
Timer Register A
Internal clock
Counter
INTCTC1 interrupt
Successive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com