Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906863 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906863
Description  TTC-6-GDT-D-60AC-PT-I - Surge protection device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906863 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906863 Datasheet HTML 1Page - PHOENIX CONTACT 2906863 Datasheet HTML 2Page - PHOENIX CONTACT 2906863 Datasheet HTML 3Page - PHOENIX CONTACT 2906863 Datasheet HTML 4Page - PHOENIX CONTACT 2906863 Datasheet HTML 5Page - PHOENIX CONTACT 2906863 Datasheet HTML 6Page - PHOENIX CONTACT 2906863 Datasheet HTML 7Page - PHOENIX CONTACT 2906863 Datasheet HTML 8Page - PHOENIX CONTACT 2906863 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product type
Surge protection for MCR technology
Product family
TERMITRAB complete
C1
C2
C3
IEC test classification
D1
Type
DIN rail module, one-piece 
Surge protection fault message
optical
Wire pairs per module
1
Insulation characteristics
Overvoltage category
III
Pollution degree
2
Electrical properties
Nominal voltage UN
60 V AC
Connection data
Connection method
Push-in connection
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section rigid
0.2 mm² ... 4 mm²
Conductor cross section AWG
24 ... 12
Dimensions
Dimensional drawing
Width
6.2 mm
Height
92 mm
Depth
69.5 mm (incl. DIN rail 7.5 mm)
Material specifications
Color
gray (RAL 7042)
Flammability rating according to UL 94
V-0
Insulating material
PBT
Housing material
PBT
Mechanical properties
Mechanical data
TTC-6-GDT-D-60AC-PT-I - Surge protection device
2906863
https://www.phoenixcontact.com/us/products/2906863
Apr 2, 2025, 12:08 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com