Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1618G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1618G-S16-R
Description  6 KEYS SIREN/ALARM SOUND GENERATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1618G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1618G-S16-R Datasheet HTML 1Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 2Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 3Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 4Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1618
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-007.H
6 KEYS SIREN/ALARM SOUND
GENERATOR
DESCRIPTION
The UTC 1618 is a CMOS design for 6 different alarm sounds
application. According to the priority of the select keys, the sound
of UTC 1618 will be generated in cycling sequence.
FEATURES
* Auto power off function, reduce power consumption.
* Low operating voltage: 2V ~ 5V.
* On-chip RC oscillator.
* 6 different sounds.
* 6 prioritized keys for selecting 6 different sounds.
* Low stand by current.
* CMOS process.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
1618L-D16-T
1618G-D16-T
DIP-16
Tube
-
1618G-S16-R
SOP-16
Tape Reel
MARKING
DIP-16
SOP-16


Similar Part No. - 1618G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618G-S16-R UTC-1618G-S16-R Datasheet
195Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
More results

Similar Description - 1618G-S16-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
Unisonic Technologies
1618 UTC-1618 Datasheet
41Kb / 4P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607 Datasheet
43Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_08 Datasheet
150Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_12 Datasheet
162Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com