Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQ5V0MAHT-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQ5V0MAHT-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQ5V0MAHT-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDQ5V0MAHT-HF Datasheet HTML 1Page - Comchip Technology CPDQ5V0MAHT-HF Datasheet HTML 2Page - Comchip Technology CPDQ5V0MAHT-HF Datasheet HTML 3Page - Comchip Technology CPDQ5V0MAHT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig.6 - TLP- Negative Pulse
TLP Voltage, (V)
0
-20
-15
-2
-6
-8
-4
-5
-10
0
Fig.5 - TLP- Positive Pulse
TLP Voltage, (V)
0
0
20
4
6
8
2
5
10
15
Typical Rating and Characteristic Curves (CPDQ5V0MAHT-HF)
SMD ESD Protection Diode
0
25
50
75
100
125
0
20
40
60
80
100
120
Fig.2 - Power Derating Curve
Ambient Temperature, TA (°C)
Fig.1 - Peak Pulse Power vs Pulse Time
0.1
10
100
1000
1
Pulse Duration, Td (µs)
0.01
0.1
1
10
150
0
Fig.3 - Clamping Voltage vs.
Peak Pulse Current
Peak Pulse Current, IPP (A)
20
10
12
30
6
4
80
90
8
Page 2
Comchip Technology CO., LTD.
QW-JP144
8/20µs waveform
50
40
60
70
10
REV:B
0
Fig.4 - Typical Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
2
0
5
100
50
3
150
300
4
1
200
250



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com