Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2D100KT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # CS2D100KT
Description  CHIP TYPE, STANDARD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CS2D100KT Datasheet(HTML) 2 Page - DB Lectro Inc

  CS2D100KT Datasheet HTML 1Page - DB Lectro Inc CS2D100KT Datasheet HTML 2Page - DB Lectro Inc CS2D100KT Datasheet HTML 3Page - DB Lectro Inc CS2D100KT Datasheet HTML 4Page - DB Lectro Inc CS2D100KT Datasheet HTML 5Page - DB Lectro Inc CS2D100KT Datasheet HTML 6Page - DB Lectro Inc CS2D100KT Datasheet HTML 7Page - DB Lectro Inc CS2D100KT Datasheet HTML 8Page - DB Lectro Inc CS2D100KT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CS Series
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
4
6.3
10
16
25
WV
F
Case size
R.C.
Case size
R.C.
Case size
R.C.
Case size
R.C.
Case size
R.C.
4.7
4x5.4
19
10
4 x 5.4
25
5 x 5.4
28
15
4 x 5.4
28
5 x 5.4
34
22
4 x 5.4
31
5 x 5.4
35
5 x 5.4
39
6.3 x 5.4
52
33
4 x 5.4
28
5 x 5.4
39
5 x 5.4
43
6.3 x 5.4
57
6.3 x 5.4
63
47
4 x 5.4
33
5 x 5.4
47
5
x 5.4
52
6.3 x 5.4
68
6.3 x 5.4
68
56
4 x 5.4
39
5 x 5.4
54
6.3 x 5.4
68
6.3 x 5.4
74
6.3 x 5.4
82
68
5 x 5.4
45
6.3 x 5.4
62
6.3 x 5.4
72
6.3 x 5.4
80
6.3 x 5.4
94
100
5 x 5.4
56
6.3 x 5.4
71
6.3 x 5.4
76
6.3 x 5.4
86
6.3 x 7.7
145
150
6.3 x 5.4
74
6.3 x 5.4
78
6.3 x 5.4
88
6.3 x 7.7
150
8 x 10.5
190
220
6.3 x 5.4
96
6.3 x 5.4
95
6.3 x 7.7
170
6.3 x 7.7
160
8 x 10.5
230
330
6.3 x 7.7
150
6.3 x 7.7
190
8 x 10.5
250
8 x 10.5
280
10 x 10.5
305
470
6.3 x 7.7
200
8 x 10.5
270
8 x 10.5
300
10 x 10.5
330
680
8 x 10.5
285
8 x 10.5
320
10 x 10.5
380
10 x 10.5
390
1000
8 x 10.5
340
10 x 10.5
400
10 x 10.5
450
1500
10 x 10.5
390
35
50
63
100
WV
F
Case size
R.C.
Case size
R.C.
Case size
R.C.
Case size
R.C.
0.1
4 x 5.4
1.0
4 x 5.4
1.0
0.22
4 x 5.4
2.3
4 x 5.4
2.3
0.33
4 x 5.4
3.5
4 x 5.4
3.5
0.47
4 x 5.4
5.0
4 x 5.4
5.0
1
4 x 5.4
10
4 x 5.4
10
4 x 5.4
10
1.5
4 x 5.4
12
4 x 5.4
12
6.3 x 5.4
15
2.2
4 x 5.4
10
4 x 5.4
15
6.3 x 5.4
20
3.3
4 x 5.4
18
4 x 5.4
18
4 x 5.4
20
6.3 x 5.4
28
4.7
4 x 5.4
20
5 x 5.4
23
5 x 5.4
23
6.3 x 5.4
35
10
5 x 5.4
30
6.3 x 5.4
34
6.3 x 5.4
34
6.3x 7.7
50
22
6.3 x 5.4
54
6.3 x 5.4
45
6.3x 7.7
70
8 x 10.5
120
33
6.3 x 5.4
60
6.3 x 7.7
85
6.3 x 7.7
85
10 x 10.5
190
47
6.3 x 5.4
70
6.3 x 7.7
90
8 x 10.5
170
56
6.3 x 7.7
80
6.3 x 7.7
110
8 x 10.5
200
68
6.3 x 7.7
110
8 x 10.5
115
10 x 10.5
230
100
6.3 x 7.7
130
8 x 10.5
200
10 x 10.5
280
150
8 x 10.5
215
10 x 10.5
240
220
10 x 10.5
270
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.70
1.00
1.17
1.36
1.50
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
Case size
∅D×L (mm), ripple current (mA rms) at 85°C 120Hz
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com