Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1V100KT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SC1V100KT
Description  CHIP TYPE, LOW LEAKAGE CURRENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC1V100KT Datasheet(HTML) 2 Page - DB Lectro Inc

  SC1V100KT Datasheet HTML 1Page - DB Lectro Inc SC1V100KT Datasheet HTML 2Page - DB Lectro Inc SC1V100KT Datasheet HTML 3Page - DB Lectro Inc SC1V100KT Datasheet HTML 4Page - DB Lectro Inc SC1V100KT Datasheet HTML 5Page - DB Lectro Inc SC1V100KT Datasheet HTML 6Page - DB Lectro Inc SC1V100KT Datasheet HTML 7Page - DB Lectro Inc SC1V100KT Datasheet HTML 8Page - DB Lectro Inc SC1V100KT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SC Series
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
6.3
10
16
WV
F
Case size
Max. E.S.R.
R.C.
Case size
Max. E.S.R.
R.C.
Case size
Max. E.S.R.
R.C.
10
4 x 5.4
26
25
22
4 x 5.4
18
31
5 x 5.4
15
35
5 x 5.4
12
39
33
5 x 5.4
13
39
5 x 5.4
10
43
6.3 x 5.4
8
57
47
5 x 5.4
8.5
47
6.3 x 5.4
7.0
59
6.3 x 5.4
6
68
100
5 x 5.4
4.0
71
6.3 x 5.4
3.3
76
25
35
50
WV
F
Case size
Max. E.S.R.
R.C.
Case size
Max. E.S.R.
R.C.
Case size
Max. E.S.R.
R.C.
0.1
4 x 5.4
1660
1.0
0.22
4 x 5.4
754
2.3
0.33
4 x 5.4
503
3.5
0.47
4 x 5.4
353
5
1
4 x 5.4
166
10
2.2
4 x 5.4
75
15
3.3
4 x 5.4
50
18
4.7
4 x 5.4
50
19
4 x 5.4
42
20
5 x 5.4
35
23
10
5 x 5.4
23
28
5 x 5.4
20
30
6.3 x 5.4
17
34
22
6.3 x 5.4
11
52
6.3 x 5.4
9
54
33
6.3 x 5.4
7
63
Case size
D L (mm), maximum E.S.R. ( ) at 20 C 120Hz, ripple current (mA rms) at 85 C 120Hz
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
~50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.70
1.00
1.17
1.36
1.50
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com