Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS25ADFG Datasheet(PDF) 86 Page - Toshiba Semiconductor

Part # TMP86CS25ADFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25ADFG Datasheet(HTML) 86 Page - Toshiba Semiconductor

Back Button TMP86CS25ADFG Datasheet HTML 82Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 83Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 84Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 85Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 86Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 87Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 88Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 89Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 90Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 194 page
background image
Page 76
8. 18-Bit Timer/Counter (TC1)
8.2 Control
TMP86CS25ADFG
Note 1: fc; High-frequency clock [Hz] fs; Low-frequency clock [Hz] *; Don't care
Note 2: Set the mode, source clock, and edge (selection) when the TC1 stops (TC1S = 00).
Note 3: If there is no need to use PWM6/PDO6/PPG6 as window gate pulse of TC1 always write "0" to TC6OUT.
Note 4: Make sure to write TC1CR2 "0,7" to bit 0 in TC1CR2.
Timer/Counter 1 control register 2
7
6
5
4
3
210
TC1CR2
(0015H)
"0"
SGP
SGEDG
WGPSCK
TC6OUT
"0"
(Initial value: *000 000*)
SGP
Window gate pulse select
00:
01:
10:
11:
ECNT input
Internal window gate pulse (TREG1B)
PWM6
/PDO6/PPG6 (TC6)output
Reserved
R/W
SGEDG
Window gate pulse interrupt edge
select
0:
1:
Interrupts at the falling edge
Interrupts at the falling/rising edges
WGPSCK
Window gate pulse source clock
select
NORMAL1/2,IDLE1/2 modes
SLOW1/2
mode
SLEEP1/2
mode
R/W
DV7CK="0"
DV7CK="1"
00:
01:
10:
11:
212/fc
213/fc
214/fc
Reserved
24/fs
25/fs
26/fs
Reserved
24/fs
25/fs
26/fs
Reserved
24/fs
25/fs
26/fs
Reserved
TC6OUT
TC6 output (PWM6/PDO6/PPG6)
external output select
0:
1:
Output to MUL3 pin
No output to MUL3 pin
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com