Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS49FG Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TMP86CS49FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TMP86CS49FG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 73Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 74Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 75Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 76Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 77Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 78Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 79Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 252 page
background image
Page 62
5. I/O Ports
5.8 Port P7 (P77 to P70)
TMP86CS49FG
5.8 Port P7 (P77 to P70)
Port P7 is an 8-bit input/output port which can be configured as an input or output in one-bit unit.
Port P7 is also used as an analog input.
Input/output mode is specified by the P7 control register (P7CR1) and P7 input control register (P7CR2).
During reset, the P7CR1 is initialized to "0" the P7CR2 is initialized to "1" and port P7 becomes an input mode.
And the P7DR is initialized to "0".
When used as an output port, the corresponding bit of P7CR1 should be set to "1".
When used as an input port, the corresponding bit of P7CR1 should be set to "0" and then, the corresponding bit of
P7CR2 should be set to "1".
When used as an analog input, the corresponding bit of P7CR1 should be set to "0" and then, the corresponding bit
of P7CR2 should be set to "0".
When P7CR1 is "1", the content of the corresponding output latch is read by reading P7DR.
Note: Asterisk (*) indicates “1” or “0” either of which can be selected.
Table 5-6 Register Programming for Multi-function Ports
Function
Programmed Value
P7DR
P7CR1
P7CR2
Port input external interrupt input or key-on wakeup
input
*“0”
“1”
Analog input
*
“0”
“0”
Port “0” output
“0”
“1”
*
Port “1” output
“1”
“1”
*
Table 5-7 Values Read from P7DR and Register Programming
Conditions
Values Read from P7DR
P7CR1
P7CR2
“0”
“0”
“0”
“0”
“1”
Terminal input data
“1”
“0”
Output latch contents
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com