Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS49UG Datasheet(PDF) 73 Page - Toshiba Semiconductor

Part # TMP86CS49UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49UG Datasheet(HTML) 73 Page - Toshiba Semiconductor

Back Button TMP86CS49UG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 73Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 74Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 75Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 76Page - Toshiba Semiconductor TMP86CS49UG Datasheet HTML 77Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 252 page
background image
Page 59
TMP86CS49UG
5.7 Port P6 (P67 to P60)
Port P6 is an 8-bit input/output port which can be configured as an input or output in one-bit unit.
Port P6 is also used as an analog input and key-on wakeup input.
Input/output mode is specified by the P6 control register (P6CR1) and P6 input control register (P6CR2).
During reset, the P6CR1 is initialized to "0" the P6CR2 is initialized to "1" and port P6 becomes an input mode.
And the P6DR is initialized to "0".
When used as an output port, the corresponding bit of P6CR1 should be set to "1".
When used as an input port , the corresponding bit of P6CR1 should be set to "0" and then, the corresponding bit of
P6CR2 should be set to "1".
When used as a key-on wakeup input , the corresponding bit of P6CR1 should be set to "0" and then, the corre-
sponding bit of STOPkEN should be set to "1".
When used as an analog input, the corresponding bit of P6CR1 should be set to "0" and then, the corresponding bit
of P6CR2 should be set to "0".
When P6CR1 is "1", the content of the corresponding output latch is read by reading P6DR.
Note: Asterisk (*) indicates “1” or “0” either of which can be selected.
Table 5-4 Register Programming for Multi-function Ports
Function
Programmed Value
P6DR
P6CR1
P6CR2
STOPkEN
Port input
*
“0”
“1”
*
Key-on wakeup input
*
"0"
*
"1"
Analog input
*
“0”
“0”
*
Port “0” output
“0”
“1”
*
*
Port “1” output
“1”
“1”
*
*
Table 5-5 Values Read from P6DR and Register Programming
Conditions
Values Read from P6DR
P6CR1
P6CR2
“0”
“0”
“0”
“0”
“1”
Terminal input data
“1”
“0”
Output latch contents
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com