Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 112 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 112 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 108Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 109Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 110Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 111Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 112Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 113Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 114Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 115Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 116Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 272 page
background image
Page 100
8. 16-Bit TimerCounter (TC10,TC11)
8.2 16-Bit TimerCounter 11
TMP86FS28DFG
Note: Since the up-counter value is captured into TC11DRB by the source clock of up-counter after setting TC11CR<ACAP11> to
"1". Therefore, to read the captured value, wait at least one cycle of the internal source clock before reading TC11DRB for the
first time.
Figure 8-10 Timer Mode Timing Chart
Example 1 :Setting the timer mode with source clock fc/211 [Hz] and generating an interrupt 1 second later
(fc
= 16 MHz, TBTCR<DV7CK> = “0”)
LDW
(TC11DRA), 1E84H
; Sets the timer register (1 s
÷ 211/fc = 1E84H)
DI
; IMF
= “0”
SET
(EIRL). 2
; Enables INTTC11
EI
; IMF
= “1”
LD
(TC11CR), 00000000B
; Selects the source clock and mode
LD
(TC11CR), 00010000B
; Starts TC11
Example 2 :Auto-capture
LD
(TC11CR), 01010000B
; ACAP11
← 1
::
LD
WA, (TC11DRB)
; Reads the capture value
Match detect
ACAP11
TC11DRB
TC11DRA
INTTC11 interruput request
Source clock
Counter
Source clock
Counter
?
(a) Timer mode
(b) Auto-capture
?
7
6
34
5
0
Timer start
12
3
2
1
4
0
Counter clear
Capture
n + 1
n
n
n
m + 2
m + 1
m
m
Capture
m + 2
m + 1
n + 1
n
m
- 1
m
- 1
m
- 2
n
- 1
n
- 1
n
- 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com