Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 272 page
background image
Page 10
2. Operational Description
2.2 System Clock Controller
TMP86FS28DFG
The data memory contents become unstable when the power supply is turned on; therefore, the data memory
should be initialized by an initialization routine.
2.2 System Clock Controller
The system clock controller consists of a clock generator, a timing generator, and a standby controller.
Figure 2-2 System Colck Control
2.2.1 Clock Generator
The clock generator generates the basic clock which provides the system clocks supplied to the CPU core
and peripheral hardware. It contains two oscillation circuits: One for the high-frequency clock and one for the
low-frequency clock. Power consumption can be reduced by switching of the standby controller to low-power
operation based on the low-frequency clock.
The high-frequency (fc) clock and low-frequency (fs) clock can easily be obtained by connecting a resonator
between the XIN/XOUT and XTIN/XTOUT pins respectively. Clock input from an external oscillator is also
possible. In this case, external clock is applied to XIN/XTIN pin with XOUT/XTOUT pin not connected.
Example :Clears RAM to “00H”. (TMP86FS28DFG)
LD
HL, 0040H
; Start address setup
LD
A, H
; Initial value (00H) setup
LD
BC, 07FFH
SRAMCLR:
LD
(HL), A
INC
HL
DEC
BC
JRS
F, SRAMCLR
TBTCR
SYSCR2
SYSCR1
XIN
XOUT
XTIN
XTOUT
fc
0036H
0038H
0039H
fs
Timing generator control register
Timing
generator
Standby controller
System clocks
Clock generator control
High-frequency
clock oscillator
Low-frequency
clock oscillator
Clock
generator
System control registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com