Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 172 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 172 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 168Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 169Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 170Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 176Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 272 page
background image
Page 160
11. Synchronous Serial Interface (SIO)
11.6 Transfer Mode
TMP86FS28DFG
Note:The buffer contents are lost when the transfer mode is switched. If it should become necessary to switch the
transfer mode, end receiving by clearing SIOCR1<SIOS> to “0”, read the last data and then switch the trans-
fer mode.
Figure 11-11 Transfer / Receive Mode (Example: 8bit, 1word transfer, Internal clock)
Figure 11-12 Transmitted Data Hold Time at End of Transfer / Receive
a1
a0
a2
a3
a4
a5
a6
a7
b0
b1
b2
b3
b4
b5
b6
b7
c1
c0
c2
c3
c4
c5
c
b
c6
c7
d0
d1
d2
d3
d4
d5
d6
d7
Clear SIOS
DBR
d
a
Read out (c)
Write (a)
Read out (d)
Write (b)
SCK pin
(output)
SO pin
INTSIO interrupt
SIOCR1<SIOS>
SIOSR<SIOF>
SIOSR<SEF>
SI pin
Bit 7 of last word
Bit 6
tSODH = min 4/fc [s] ( In the NORMAL1/2, IDLE1/2 modes)
tSODH = min 4/fs [s] (In the SLOW1/2, SLEEP1/2 modes)
SCK pin
SO pin
SIOSR<SIOF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com