Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 198 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 198 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 194Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 195Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 202Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 272 page
background image
Page 186
14. 10-bit AD Converter (ADC)
14.3 Function
TMP86FS28DFG
Figure 14-3 Repeat Mode
14.3.3 Register Setting
1. Set up the AD converter control register 1 (ADCCR1) as follows:
• Choose the channel to AD convert using AD input channel select (SAIN).
• Specify analog input enable for analog input control (AINDS).
• Specify AMD for the AD converter control operation mode (software or repeat mode).
2. Set up the AD converter control register 2 (ADCCR2) as follows:
• Set the AD conversion time using AD conversion time (ACK). For details on how to set the con-
version time, refer to Figure 14-1 and AD converter control register 2.
• Choose IREFON for DA converter control.
3. After setting up (1) and (2) above, set AD conversion start (ADRS) of AD converter control register 1
(ADCCR1) to “1”. If software start mode has been selected, AD conversion starts immediately.
4. After an elapse of the specified AD conversion time, the AD converted value is stored in AD con-
verted value register 1 (ADCDR1) and the AD conversion finished flag (EOCF) of AD converted
value register 2 (ADCDR2) is set to “1”, upon which time AD conversion interrupt INTADC is gener-
ated.
5. EOCF is cleared to “0” by a read of the conversion result. However, if reconverted before a register
read, although EOCF is cleared the previous conversion result is retained until the next conversion is
completed.
ADCDR1,ADCDR2
EOCF cleared by reading
conversion result
Conversion
result read
ADCDR2<EOCF>
INTADC interrupt request
Conversion operation
ADCCR1<ADRS>
Indeterminate
AD conversion start
ADCCR1<AMD>
“11”
“00”
1st conversion
result
AD convert operation suspended.
Conversion result is not stored.
2nd conversion result
3rd conversion result
ADCDR1
ADCDR2
2nd conversion result
3rd conversion result
1st conversion result
Conversion
result read
Conversion
result read
Conversion
result read
Conversion
result read
Conversion
result read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com