Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 257 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 257 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 253Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 254Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 255Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 256Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 257Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 258Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 259Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 260Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 261Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 272 page
background image
Page 245
TMP86FS28DFG
18.15UART Timing
Table 18-18 UART Timing-1 (VDD = 4.5 to 5.5 V, fc = 2 to 16 MHz, Topr = -10 to 40°C)
Parameter
Symbol
Clock Frequency (fc)
Minimum Required Time
At fc = 2 MHz
At fc = 16 MHz
Time from matching data reception to the echo back
CMeb1
Approx. 930
465
µs58.1 µs
Time from baud rate modification data reception to the echo back
CMeb2
Approx. 980
490
µs61.3 µs
Time from operation command reception to the echo back
CMeb3
Approx. 800
400
µs
50
µs
Checksum calculation time
CKsm
Approx. 7864500
3.93 s
491.5
µs
Erasure time of an entire flash memory
CEall
-
30 ms
30 ms
Erasure time for a sector of a flash memory (in 4-kbyte units)
CEsec
-
15 ms
15 ms
Table 18-19 UART Timing-2 (VDD = 4.5 to 5.5 V, fc = 2 to 16 MHz, Topr = -10 to 40°C)
Parameter
Symbol
Clock Frequency (fc)
Minimum Required Time
At fc = 2 MHz
At fc = 16 MHz
Time from the reset release to the acceptance of start bit of RXD pin
RXsup
2100
1.05 ms
131.3 ms
Matching data transmission interval
CMtr1
28500
14.2 ms
1.78 ms
Time from the echo back of matching data to the acceptance of baud rate
modification data
CMtr2
380
190
µs
23.8
µs
Time from the echo back of baud rate modification data to the acceptance
of an operation command
CMtr3
650
325
µs
40.6
µs
Time from the echo back of operation command to the acceptance of
password count storage addresses (Upper byte)
CMtr4
800
400
µs50 µs
RESET pin
RXD pin
RXsup
(5AH)
CMeb1
(5AH)
CMtr2
(28H)
(28H)
CMeb2
CMtr3
(30H)
(30H)
CMeb3
CMtr4
TXD pin
RXD pin
TXD pin
(5AH)
(5AH)
(5AH)
CMtr1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com