Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5560
Description  High-Throughput Delta-Sigma A/D Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5560 Datasheet HTML 1Page - Cirrus Logic CS5560 Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS5570/71 FeatureS
• High-speed Delta-Sigma A/D converter
• Exceptional 0.1 LSB
nonlinearity error
• 16-bits, no missing codes
• 10 microsecond conversion rate,
no latency
• Self-calibrating architecture maintains
accuracy over time and temperature
• High-impedance buffered, differential
(CS5570) or single-ended (CS5571)
input versions
• Signal-to-noise ratio: 98 dB (CS5570)
• Digital filter near-flat to Nyquist
sampling rate
• 1.8 V to 3.3 V digital and 5 V
or
±2.5 V analog supplies
• Simple three/four-wire digital interface
• 70 mW power consumption (buffers off)
• 24-pin SSOP package;
lead-free assembly
CS5580/81 FeatureS
• High-speed Delta-Sigma A/D converter
• Exceptional 0.1 LSB
nonlinearity error
• 16-bits, no missing codes
• 5 microsecond conversion rate,
no latency
• Self-calibrating architecture maintains
accuracy over time and temperature
• High-impedance buffered, differential
(CS5580) or single-ended (CS5581)
Input versions
• Signal-to-noise ratio: 86 dB (CS5580)
• Digital filter flat to near-Nyquist rate
• 1.8 V to 3.3 V digital and 5 V
or
±2.5 V analog supplies
• Simple three/four-wire digital interface
• 70 mW power consumption (buffers off)
• 24-pin SSOP Package;
lead-free assembly
www.cirrus.com
Cirrus Logic, Inc. · 2901 Via Fortuna · Austin TX 78746 USA · T 512-851-4000 · T 800-888-5016 · F 512-851-4977
Product Bulletin 0200-0607-PB © 2007 Cirrus Logic, Inc. All rights reserved. Product information is subject to change without notice. Cirrus Logic, Cirrus, and the Cirrus Logic logo
designs are trademarks of Cirrus Logic, Inc. Other brand and product names may be trademarks or service marks of their respective owners.
CS5560/70/80 Family
Part
Number
Resolution
Throughput
kSPS
Integral
Linearity
Differential
Linearity
Number of
Channels
Power
Consumption
Package
CS5560
24
50
±6 ppm
0.9
1, Differential
85 mW
24 SSOP
CS5561
24
50
±6 ppm
0.9
1, Single-ended
85 mW
24 SSOP
CS5570
16
100
±15 ppm
0.1
1, Differential
70 mW
24 SSOP
CS5571
16
100
±15 ppm
0.1
1, Single-ended
70 mW
24 SSOP
CS5580
16
200
±60 ppm
0.1
1, Differential
70 mW
24 SSOP
CS5581
16
200
±60 ppm
0.1
1, Single-ended
70 mW
24 SSOP
CS5560/61 FeatureS
• High-speed Delta-Sigma A/D converter
• Exceptional 0.9 LSB differential
nonlinearity error
• 24-bits, no missing codes
• 20 microsecond conversion rate,
no latency
• Self-calibrating architecture maintains
accuracy over time and temperature
• High-impedance buffered, differential
(CS5560) or single-ended (CS5561)
input versions
• Signal-to-noise ratio: 109 dB
(CS5560)
• S/(N+D) = 108 dB (CS5560)
• Digital filter flat to near-Nyquist rate
• 1.8 V to 3.3 V digital and 5 V
or
±2.5 V analog supplies
• Simple three/four-wire
digital interface
• 85 mW power consumption
• 24-pin SSOP package;
lead-free assembly



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com