Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5571
Description  High-Throughput Delta-Sigma A/D Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5571 Datasheet HTML 1Page - Cirrus Logic CS5571 Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cirrus.com
CS5560/70/80 Family
High-Throughput Delta-Sigma A/D Converters
The CS556x/7x/8x family of 24- and
16-bit Delta-Sigma analog-to-digital
converters combine the higher-bandwidth,
low-distortion performance of SAR
converters with high-resolution, low-
noise performance typical of Delta-Sigma
ADCs. The breakthrough combination of
features provides designers of precision
instrumentation, such as industrial process
controllers, laboratory instrumentation,
medical instrumentation, and high-speed
weighing systems, with a significantly
higher level of measurement accuracy,
lower noise and higher throughput.
The CS556x provides a much higher
level of noise suppression than SAR
converters, resulting in higher accuracy
conversions and reduced post-conversion
processing. The family features DNL
error as low as ±0.04 LSB typical
(CS5571), compared to ±1 LSB typical
within SAR converters. In addition, the
single-clock latency digital filter allows
conversion-rate switching of the input
with no loss in throughput. The CS556x’s
high-throughput precision performance
stands out among high-resolution Delta-
Sigma converters. With near-flat digital
FIR filter characteristics, the CS556x
product line achieves unrestricted,
wide-bandwidth signal throughput
usually seen only in higher-speed SAR
converters – at resolutions up to 24
bits. With this flat filter, output data is
a 1:1 representation of the input signal
across the entire frequency range, up
to the sampling rate of the converter. In
comparison, most Delta-Sigma converters
utilize Sinc filters, which attenuate
the signal at specific frequencies.
Other additional key features
of the CS556x include:
• High-impedance buffered inputs
that simplify external circuitry;
• Fully differential inputs that provide
the best possible noise rejection and
dynamic accuracy, with the ability
to measure bipolar signals; and
• Self calibration to ensure superior
measurement accuracy over variations
in supply and temperature.
A flexible serial interface eases
connections to a variety of
microcontrollers without external
components (includes slave and
self-sequencing master modes).
CS5560/70/80
CS5560/70/80
24-pin SSOP
2.56 mm x 1.69 mm
actual size
CS5560


Similar Part No. - CS5571

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5571 CIRRUS-CS5571 Datasheet
607Kb / 32P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5571 CIRRUS-CS5571 Datasheet
617Kb / 34P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5571-ISZ CIRRUS-CS5571-ISZ Datasheet
607Kb / 32P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5571-ISZ CIRRUS-CS5571-ISZ Datasheet
617Kb / 34P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5571 CIRRUS-CS5571_08 Datasheet
617Kb / 34P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
More results

Similar Description - CS5571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7731 AD-AD7731 Datasheet
411Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV.0
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
24-Bit, High Precision, Sigma Delta A/D Converter
1998 03
logo
Analog Devices
AD7739 AD-AD7739 Datasheet
380Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
logo
Intersil Corporation
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
logo
Analog Devices
AN-388 AD-AN-388 Datasheet
595Kb / 5P
USING SIGMA-DELTA CONVERTERS-PART1
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com