Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQT12VHT-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQT12VHT-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQT12VHT-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDQT12VHT-HF Datasheet HTML 1Page - Comchip Technology CPDQT12VHT-HF Datasheet HTML 2Page - Comchip Technology CPDQT12VHT-HF Datasheet HTML 3Page - Comchip Technology CPDQT12VHT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
Comchip Technology CO., LTD.
REV:A
SMD ESD Protection Diode
Fig.1 - Pulse Waveform
Times, (µs)
0
5
15
25
30
Fig.2 - Non-Repetitive Peak Power
vs. Pulse Time
Pulse Duration, tp (µs)
0.1
1
10
1000
1
10
100
0.1
0.01
10
20
0
110
20
40
60
100
80
10
30
50
70
90
waveform
parametrs:
tr=8µs
td=20µs
td=IPP/2
Fig.3 - Power Derating Curve
Ambient Temperature, TA (°C)
0
50
100
0
120
25
75
150
125
20
40
60
100
80
Typical Rating and Characteristic Curves (CPDQT12VHT-HF)
QW-JP174



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com