Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 17 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 17 Page - Microchip Technology

Back Button KSZ9567R_V01 Datasheet HTML 13Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 14Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 15Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 16Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 17Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 18Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 19Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 20Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 233 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002329E-page 17
KSZ9567R
RXD6_1
Port 6 MII/RMII Mode
0: MII: PHY Mode (Default)
RMII: Clock Mode. RMII 50MHz reference clock is output on REFCLKO6. (Default)
RGMII: No effect
1: MII: MAC Mode
RMII: Normal Mode. RMII 50MHz reference clock is input on REFCLKI6.
RGMII: No effect
RXD6_0
Port 6 Speed Select
0: 1000Mbps Mode (Default)
1: 100Mbps Mode
Note:
If Port 6 is configured for MII or RMII, set the speed to 100Mbps.
RXD7_3, RXD7_2
[RXD7_3, RXD7_2]: Port 7 Mode
00: RGMII (Default)
01: RMII
10: Reserved
11: MII
RXD7_1
Port 7 MII/RMII Mode
0: MII: PHY Mode (Default)
RMII: Clock Mode. RMII 50MHz reference clock is output on REFCLKO7. (Default)
RGMII: No effect
1: MII: MAC Mode
RMII: Normal Mode. RMII 50MHz reference clock is input on REFCLKI7.
RGMII: No effect
RXD7_0
Port 7 Speed Select
0: 1000Mbps Mode (Default)
1: 100Mbps Mode
Note:
If Port 7 is configured for MII or RMII, set the speed to 100Mbps.
RX_DV7/CRS_DV7/
RX_CTL7
In-Band Management
0: Disable In-Band Management (Default)
1: Enable In-Band Management
Note:
If using I2C, do not enable IBA.
TABLE 3-3:
CONFIGURATION STRAP DESCRIPTIONS (CONTINUED)
CONFIGURATION
STRAP PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com