Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 173 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 173 Page - Microchip Technology

Back Button KSZ9567R_V01 Datasheet HTML 169Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 170Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 171Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 172Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 173Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 174Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 175Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 176Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 233 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002329E-page 173
KSZ9567R
5.2.7.6
Port Priority to Queue Mapping Register
5.2.7.7
Port Police Control Register
1:0
Queue Pointer
Used to point to the indirect mapping locations for the 4 queues
R/W
00b
Address:
0xN808 - 0xN80B
Port N: 1-7
Size:
32 bits
Bits
Description
Type
Default
31:28
Regenerated priority (queue) value for priority 7.
The 2 most significant bits are reserved.
R/W
xx11b
27:24
Regenerated priority (queue) value for priority 6.
The 2 most significant bits are reserved.
R/W
xx11b
23:20
Regenerated priority (queue) value for priority 5.
The 2 most significant bits are reserved.
R/W
xx10b
19:16
Regenerated priority (queue) value for priority 4.
The 2 most significant bits are reserved.
R/W
xx10b
15:12
Regenerated priority (queue) value for priority 3.
The 2 most significant bits are reserved.
R/W
xx01b
11:8
Regenerated priority (queue) value for priority 2.
The 2 most significant bits are reserved.
R/W
xx01b
7:4
Regenerated priority (queue) value for priority 1.
The 2 most significant bits are reserved.
R/W
xx00b
3:0
Regenerated priority (queue) value for priority 0.
The 2 most significant bits are reserved.
R/W
xx00b
Address:
0xN80C - 0xN80F
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
31:12
RESERVED
RO
0x00000
11
Dropped Color
1 = Color packet PMON holds dropped packets of that color
0 = Color packet PMON holds all packets of that color
R/W
0b
10
Drop All
1 = All packets are dropped while max threshold is exceeded in PM WRED
0 = Drop packet based on WRED_PM_PROB_MULTIPLIER
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com