Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 63 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 63 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 59Page - Microchip Technology KSZ9567R Datasheet HTML 60Page - Microchip Technology KSZ9567R Datasheet HTML 61Page - Microchip Technology KSZ9567R Datasheet HTML 62Page - Microchip Technology KSZ9567R Datasheet HTML 63Page - Microchip Technology KSZ9567R Datasheet HTML 64Page - Microchip Technology KSZ9567R Datasheet HTML 65Page - Microchip Technology KSZ9567R Datasheet HTML 66Page - Microchip Technology KSZ9567R Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 233 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002329E-page 63
KSZ9567R
4.13.1
MEDIA INDEPENDENT INTERFACE (MII)
The media independent interface (MII) is specified in Clause 22 of the IEEE 802.3 standard. It provides a common inter-
face between PHY layer and MAC layer devices. The data interface is 4-bits wide and runs at one quarter the network
bit rate; either 2.5MHz in 10BASE-Te or 25MHz in 100BASE-TX (not encoded). Additional signals on the transmit side
indicate when data is valid or when an error occurs during transmission. Similarly, the receive side provides signals that
convey when the data is valid and without physical layer errors. For half duplex operation, the COL signal indicates if a
collision has occurred during transmission.
Each MII interface operates in either PHY Mode or MAC Mode. Select PHY Mode when the port is connected to a pro-
cessor or other device with a MAC function; select MAC Mode when connecting to an external PHY. Note that the direc-
tion of the TX_CLKx, RX_CLKx, COLx and CRSx signals is affected by the PHY mode or MAC mode setting, while
other MII signals do not change direction.
MII mode is selected at reset by a configuration strap option on pins RXD6_3 and RXD6_2 for port 6, and pins RXD7_3
and RXD7_2 for port 7. The Speed strapping option (on pin RXD6_0 for port 6 and RXD7_0 for port 7) should be set for
100/10 Mbps Mode. PHY Mode or MAC Mode is selected by strapping option on pins RXD6_1 (port 6) and RXD7_1
(port 7). Refer to Section 3.2.1, "Configuration Straps," on page 16 for additional information.
The interface contains two distinct groups of signals, one for transmission and the other for reception. Table 4-28 and
Table 4-29 describe the signals used by the MII interface to connect to an external MAC or to an external PHY, respec-
tively.
4.13.2
REDUCED MEDIA INDEPENDENT INTERFACE (RMII)
The reduced media independent interface (RMII) specifies a low pin count interface, which is based on MII, that provides
communication with a MAC attached to the port. As with MII, RMII provides a common interface between physical layer
and MAC layer devices, or between two MAC layer devices, and has the following key characteristics:
• Supports network data rates of either 10Mbps or 100Mbps.
TABLE 4-28:
MII (PHY MODE) CONNECTION TO EXTERNAL MAC
MII Interface Signals Description
KSZ9567R Signals in PHY Mode
External MAC Device Signals
Transmit Enable
TX_ENx (input)
TX_EN (output)
Transit Error
TX_ERx (input)
TX_ER (output)
Transmit Data Bits [3:0]
TXDx_[3:0] (input)
TXD[3:0] (output)
Transmit Clock
TX_CLKx (output)
TX_CLK (input)
Collision Detection
COLx (output)
COL (input)
Carrier Sense
CRSx (output)
CRS (input)
Received Data Valid
RX_DVx (output)
RX_DV (input)
Receive Error
RX_ERx (output)
RX_ER (input)
Receive Data Bits [3:0]
RXDx_[3:0] (output)
RXD[3:0] (input)
Receive Clock
RX_CLKx (output)
RX_CLK (input)
TABLE 4-29:
MII (MAC MODE) CONNECTION TO EXTERNAL PHY
MII Interface Signals Description
KSZ9567R Signals in MAC Mode
External PHY Device Signals
Transmit Enable
RX_DVx (output)
TX_EN (input)
Transit Error
RX_ERx (output)
TX_ER (input)
Transmit Data Bits [3:0]
RXDx_[3:0] (output)
TXD[3:0] (input)
Transmit Clock
RX_CLKx (input)
TX_CLK (output)
Collision Detection
COLx (input)
COL (output)
Carrier Sense
CRSx (input)
CRS (output)
Received Data Valid
TX_ENx (input)
RX_DV (output)
Receive Error
TX_ERx (input)
RX_ER (output)
Receive Data Bits [3:0]
TXDx_[3:0] (input)
RXD[3:0] (output)
Receive Clock
TX_CLKx (input)
RX_CLK (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com