Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2557FD Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP2557FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2557FD Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP2557FD Datasheet HTML 28Page - Microchip Technology MCP2557FD Datasheet HTML 29Page - Microchip Technology MCP2557FD Datasheet HTML 30Page - Microchip Technology MCP2557FD Datasheet HTML 31Page - Microchip Technology MCP2557FD Datasheet HTML 32Page - Microchip Technology MCP2557FD Datasheet HTML 33Page - Microchip Technology MCP2557FD Datasheet HTML 34Page - Microchip Technology MCP2557FD Datasheet HTML 35Page - Microchip Technology MCP2557FD Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2016 Microchip Technology Inc.
DS20005533A-page 33
MCP2557FD/8FD
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a) MCP2558FDT-H/MF:
Tape
and
Reel,
8-lead, Plastic Dual
Flat No Lead DFN
package.
b) MCP2557FD-H/SN:
8-lead, Plastic Small
Outline SOIC pack-
age.
c) MCP2558FDT-H/MNY:Tape and Reel,
8-lead, Plastic Dual
Flat No Lead TDFN
package.
Note1:
Tape and Reel identifier only appears
in the catalog part number description.
This identifier is used for ordering
purposes and is not printed on the
device package. Check with your
Microchip Sales Office for package
availability with the Tape and Reel
option.
[X](1)
Tape and Reel
Option
Device:
MCP2557FD:
CAN FD Transceiver w/No
Connect Pin 5
MCP2558FD:
CAN FD Transceiver w/VIO
Connect Pin 5
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
H= -40
C to +150°C
Package:
MF
=
Plastic Dual Flat No Lead Package –
3x3x0.9 mm Body (DFN), 8-lead
MNY
=
Plastic Dual Flat No Lead Package –
2x3x0.75 mm Body (TDFN), 8-lead
SN
=
Plastic Small Outline (SN) – Narrow,
3.90 mm, Body (SOIC), 8-lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com