Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4021 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # MP4021
Description  High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4021 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  MP4021 Datasheet HTML 1Page - Toshiba Semiconductor MP4021 Datasheet HTML 2Page - Toshiba Semiconductor MP4021 Datasheet HTML 3Page - Toshiba Semiconductor MP4021 Datasheet HTML 4Page - Toshiba Semiconductor MP4021 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MP4021
2006-10-27
4
Collector-emitter voltage VCE (V)
Safe Operating Area
rth – tw
Pulse width tw (s)
Ambient temperature Ta (°C)
PT – Ta
Total power dissipation PT (W)
ΔTj – PT
1
2
3
4
0
160
40
80
120
5
0
Attached on a circuit board
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Circuit board
(1)
(2)
(3)
(4)
0.001
0.01
0.1
1
10
100
1000
0.3
1
3
10
30
100
300
Curves should be applied in thermal
limited area. (Single nonrepetitive pulse)
The figure shows thermal resistance per
device versus pulse width.
-No heat sink/Attached on a circuit board-
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Circuit board
(4)
(2)
(3)
(1)
0.01
1
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated linearly
with increase in temperature.
0.03
0.1
0.3
1
3
10
3
10
30
100
300
IC max (pulsed)*
1 ms*
VCEO max
100 μs*
0
8
40
2
4
6
80
120
160
200
0
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Attached on a circuit board
Circuit board
(4)
(3)
(2)
(1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com