Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906823 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2906823
Description  TTC-6-3-HF-F-M-EX-24DC-UT-I - Surge protection device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906823 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2906823 Datasheet HTML 1Page - PHOENIX CONTACT 2906823 Datasheet HTML 2Page - PHOENIX CONTACT 2906823 Datasheet HTML 3Page - PHOENIX CONTACT 2906823 Datasheet HTML 4Page - PHOENIX CONTACT 2906823 Datasheet HTML 5Page - PHOENIX CONTACT 2906823 Datasheet HTML 6Page - PHOENIX CONTACT 2906823 Datasheet HTML 7Page - PHOENIX CONTACT 2906823 Datasheet HTML 8Page - PHOENIX CONTACT 2906823 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Drawings
Dimensional drawing
6,2+0,1
105,8
Schematic diagram
TTC-6-3-HF-F-M-EX-…-I
Category
PFDAVG
PFH
3.26x10-5
5.80x10-9 1/h
Used budget
of SIL 2 SIF
1oo1 architecture, HFT=0
1oo2 architecture, HFT=1
PFDAVG
PFH
Used budget
of SIL 3 SIF
CCF
PFDAVG
PFH
0.3 %
0.6 %
1.63x10-6
3.26x10-6
2.90x10-10 1/h
5.80x10-10 1/h
5 %
10 %
0.2 %
0.3 %
0.3 %
0.6 %
Calculation based on exida report, Phoenix Contact 16/06-072 R023 V3R1
exida Profile 1, FMEDA Analysis 2, T proof: 1 year, MT: 10 years, MTTR: 24 hours, PTC: 99%
Used standards
IEC/EN 61508, edition 2010 (device specific)
IEC/EN 61511, edition 2016 + COR1:2016 + A1:2017 (system specific)
PFDAVG
PFH
Functional safety scenarios
TTC-6-3-HF-F-M-EX-24DC-UT-I - Surge protection
device
2906823
https://www.phoenixcontact.com/us/products/2906823
Apr 4, 2025, 6:20 AM
Page 5 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com