Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906878 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906878
Description  PT-IQ-17,5-TBUS-5-2.0 - DIN rail bus connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906878 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906878 Datasheet HTML 1Page - PHOENIX CONTACT 2906878 Datasheet HTML 2Page - PHOENIX CONTACT 2906878 Datasheet HTML 3Page - PHOENIX CONTACT 2906878 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail connector for PT-IQ system for establishing remote signaling and the power supply
when a surge protection module is snapped on.
Commercial data
Item number
2906878
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
CL22
Product key
CL215Z
GTIN
4055626131702
Weight per piece (including packing)
3.83 g
Weight per piece (excluding packing)
3.8 g
Customs tariff number
85366990
Country of origin
DE
PT-IQ-17,5-TBUS-5-2.0 - DIN rail bus connectors
2906878
https://www.phoenixcontact.com/us/products/2906878
Apr 3, 2025, 8:24 AM
Page 1 (4)


Similar Part No. - 2906878

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
290687-002 INTEL-290687-002 Datasheet
5Mb / 498P
Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
logo
PHOENIX CONTACT
2906872 PHOENIX-2906872 Datasheet
95Kb / 4P
Filler plugs, for unoccupied terminal points
2906879 PHOENIX-2906879 Datasheet
179Kb / 4P
PT-IQ-JUMPER-2.0 - Plug-in bridge
More results

Similar Description - 2906878

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202876 PHOENIX-2202876 Datasheet
54Kb / 2P
DIN rail bus connectors
2201731 PHOENIX-2201731 Datasheet
44Kb / 2P
Electronic housing - ME 17,5 TBUS 1,5/4P1S KMGY
2201813 PHOENIX-2201813 Datasheet
66Kb / 2P
DIN rail bus connectors - ME 18,8 TBUS 1,5/5-ST-3,81KMGY
2201757 PHOENIX-2201757 Datasheet
62Kb / 2P
DIN rail bus connectors - ME 17,5 TBUS ADAPTER KMGY
2707437 PHOENIX-2707437 Datasheet
150Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 G
2709561 PHOENIX-2709561 Datasheet
151Kb / 4P
Electronic housing - ME 17,5 TBUS 1,5/ 5-ST-3,81 GN
2202891 PHOENIX-2202891 Datasheet
66Kb / 2P
DIN rail bus connectors - TBUS8-25,0-PPPPPPPP-7035
2200244 PHOENIX-2200244 Datasheet
77Kb / 6P
DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 YE
2202895 PHOENIX-2202895 Datasheet
362Kb / 7P
DIN rail bus connectors - TBUS8-25,0-PPPPPPSS-7035
2201756 PHOENIX-2201756 Datasheet
62Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS ADAPTER KMGY
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com