Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906879 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906879
Description  PT-IQ-JUMPER-2.0 - Plug-in bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906879 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906879 Datasheet HTML 1Page - PHOENIX CONTACT 2906879 Datasheet HTML 2Page - PHOENIX CONTACT 2906879 Datasheet HTML 3Page - PHOENIX CONTACT 2906879 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Jumper for PT-IQ basis elements for preventing an error message from the PT-IQ-PTB when the
protective plug is not inserted.
Commercial data
Item number
2906879
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
CL22
Product key
CL215Z
GTIN
4055626131719
Weight per piece (including packing)
1.49 g
Weight per piece (excluding packing)
1.49 g
Customs tariff number
85366990
Country of origin
DE
PT-IQ-JUMPER-2.0 - Plug-in bridge
2906879
https://www.phoenixcontact.com/us/products/2906879
Apr 2, 2025, 8:14 AM
Page 1 (4)


Similar Part No. - 2906879

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
290687-002 INTEL-290687-002 Datasheet
5Mb / 498P
Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
logo
PHOENIX CONTACT
2906872 PHOENIX-2906872 Datasheet
95Kb / 4P
Filler plugs, for unoccupied terminal points
2906878 PHOENIX-2906878 Datasheet
185Kb / 4P
PT-IQ-17,5-TBUS-5-2.0 - DIN rail bus connectors
More results

Similar Description - 2906879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2904494 PHOENIX-2904494 Datasheet
57Kb / 2P
Jumper - BRIDGE-PT 6
2904495 PHOENIX-2904495 Datasheet
56Kb / 2P
Jumper - BRIDGE-PT 7
2904496 PHOENIX-2904496 Datasheet
57Kb / 2P
Jumper - BRIDGE-PT 8
2904497 PHOENIX-2904497 Datasheet
57Kb / 2P
Jumper - BRIDGE-PT 9
2904498 PHOENIX-2904498 Datasheet
57Kb / 2P
Jumper - BRIDGE-PT 10
2702257 PHOENIX-2702257 Datasheet
93Kb / 4P
Surge protection plug - TC EXTENDER PT-IQ-1S
09/12/2020
2801014 PHOENIX-2801014 Datasheet
82Kb / 4P
Jumper - CB PT BRIDGE
09/12/2020
2801255 PHOENIX-2801255 Datasheet
178Kb / 10P
Surge protection device - PT-IQ-1X2-24DC-PT
09/12/2020
2801263 PHOENIX-2801263 Datasheet
166Kb / 10P
Surge protection device - PT-IQ-2X2-24DC-PT
09/12/2020
2702258 PHOENIX-2702258 Datasheet
369Kb / 7P
Surge protection plug - TC EXTENDER PT-IQ-2S
Dec 2, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com