Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4210 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP4210
Description  High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4210 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP4210 Datasheet HTML 1Page - Toshiba Semiconductor MP4210 Datasheet HTML 2Page - Toshiba Semiconductor MP4210 Datasheet HTML 3Page - Toshiba Semiconductor MP4210 Datasheet HTML 4Page - Toshiba Semiconductor MP4210 Datasheet HTML 5Page - Toshiba Semiconductor MP4210 Datasheet HTML 6Page - Toshiba Semiconductor MP4210 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MP4210
2006-10-27
2
Array Configuration
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance from channel to
ambient
(4-device operation, Ta = 25°C)
ΣRth (ch-a)
31.2
°C/W
Maximum lead temperature for
soldering purposes
(3.2 mm from case for t = 10 s)
TL
260
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
―
―
±10
μA
Drain cut-off current
IDSS
VDS = 60 V, VGS = 0 V
―
―
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
60
―
―
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
0.8
―
2.0
V
VGS = 4 V, ID = 2.5 A
―
0.21
0.32
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
―
0.12
0.16
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
3.0
5.0
―
S
Input capacitance
Ciss
―
370
―
pF
Reverse transfer capacitance
Crss
―
60
―
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0 V
f = 1 MHz
―
180
―
pF
Rise time
tr
―
18
―
Turn-on time
ton
―
25
―
Fall time
tf
―
55
―
Switching time
Turn-off time
toff
VIN: tr, tf < 5 ns, duty ≤ 1%, tw = 10 μs
―
170
―
ns
Total gate charge
(gate-source plus gate-drain)
Qg
―
12
―
nC
Gate-source charge
Qgs
―
8
―
nC
Gate-drain (“miller”) charge
Qgd
VDD ≈ 48 V, VGS = 10 V
ID = 5 A
―
4
―
nC
10 V
VGS
VDD ≈ 30 V
ID = 2.5 A
VOUT
0 V
9
7
6
8
10
5
3
2
4
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com