Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4301 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP4301
Description  High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4301 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP4301 Datasheet HTML 1Page - Toshiba Semiconductor MP4301 Datasheet HTML 2Page - Toshiba Semiconductor MP4301 Datasheet HTML 3Page - Toshiba Semiconductor MP4301 Datasheet HTML 4Page - Toshiba Semiconductor MP4301 Datasheet HTML 5Page - Toshiba Semiconductor MP4301 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MP4301
2006-10-27
2
Array Configuration
Marking
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance from junction to
ambient
(4-device operation, Ta = 25°C)
ΣRth (j-a)
28.4
°C/W
Maximum lead temperature for
soldering purposes
(3.2 mm from case for 10 s)
TL
260
°C
1
R1 R2
7
R1 ≈ 4.5 kΩ
R2 ≈ 300 Ω
6
12
8
5
2
3
10
49
11
MP4301
JAPAN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com