Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4303 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MP4303
Description  High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4303 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MP4303 Datasheet HTML 1Page - Toshiba Semiconductor MP4303 Datasheet HTML 2Page - Toshiba Semiconductor MP4303 Datasheet HTML 3Page - Toshiba Semiconductor MP4303 Datasheet HTML 4Page - Toshiba Semiconductor MP4303 Datasheet HTML 5Page - Toshiba Semiconductor MP4303 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MP4303
2006-10-27
3
Emitter-Collector Diode Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Maximum forward current
IFM
―
―
―
2
A
Surge current
IFSM
t = 1 s, 1 shot
―
―
4
A
Forward voltage
VF
IF = 0.5 A, IB = 0 A
―
―
2.0
V
Reverse recovery time
trr
―
1.0
―
μs
Reverse recovery charge
Qrr
IF = 2 A, VBE = −3 V, dIF/dt = −50 A/μs
―
5
―
μC
Flyback-Diode Rating and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Maximum forward current
IFM
―
―
―
2
A
Reverse current
IR
VR = 120 V
―
―
0.4
μA
Reverse voltage
VR
IR = 100 μA
120
―
―
V
Forward voltage
VF
IF = 0.5 A
―
―
1.8
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com