Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4606 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # RN4606
Description  Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4606 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  RN4606 Datasheet HTML 1Page - Toshiba Semiconductor RN4606 Datasheet HTML 2Page - Toshiba Semiconductor RN4606 Datasheet HTML 3Page - Toshiba Semiconductor RN4606 Datasheet HTML 4Page - Toshiba Semiconductor RN4606 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RN4606
2007-11-01
3
Q1 Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
―
VCB = −50V, IE = 0
―
―
−100
Collector cut-off current
ICEO
―
VCE = −50V, IB = 0
―
―
−500
nA
Emitter cut-off current
IEBO
―
VEB = −5V, IC = 0
−0.074
―
−0.138
mA
DC current gain
hFE
―
VCE = −5V, IC = −10mA
80
―
―
―
Collector-emitter saturation voltage
VCE (sat)
―
IC = −5mA, IB = −0.25mA
―
−0.1
−0.3
V
Input voltage (ON)
VI (ON)
―
VCE = −0.2V, IC = −5mA
−0.7
―
−1.3
V
Input voltage (OFF)
VI (OFF)
―
VCE = −5V, IC = −0.1mA
−0.5
―
−0.8
V
Transition frequency
fT
―
VCE = −10V, IC = −5mA
―
200
―
MHz
Collector output capacitance
Cob
―
VCB = −10V, IE = 0
―
3
6
pF
Q2 Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
―
VCB = 50V, IE = 0
―
―
100
Collector cut-off current
ICEO
―
VCE = 50V, IB = 0
―
―
500
nA
Emitter cut-off current
IEBO
―
VEB = 5V, IC = 0
0.074
―
0.138
mA
DC current gain
hFE
―
VCE = 5V, IC = 10mA
80
―
―
―
Collector-emitter saturation voltage
VCE (sat)
―
IC = 5mA, IB = 0.25mA
―
0.1
0.3
V
Input voltage (ON)
VI (ON)
―
VCE = 0.2V, IC = 5mA
0.7
―
1.3
V
Input voltage (OFF)
VI (OFF)
―
VCE = 5V, IC = 0.1mA
0.5
―
0.8
V
Transition frequency
fT
―
VCE = 10V, IC = 5mA
―
250
―
MHz
Collector output capacitance
Cob
―
VCB = 10V, IE = 0, f = 1 MHz
―
3
6
pF
Q1, Q2 Common Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input resistor
R1
―
―
3.29
4.7
6.11
kΩ
Resistor ratio
R1/R2
―
―
0.09
0.1
0.11
―



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com