Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL715 Datasheet(PDF) 19 Page - NVE Corporation

Part # IL715
Description  High Speed Four-Channel Digital Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL715 Datasheet(HTML) 19 Page - NVE Corporation

Back Button IL715 Datasheet HTML 13Page - NVE Corporation IL715 Datasheet HTML 14Page - NVE Corporation IL715 Datasheet HTML 15Page - NVE Corporation IL715 Datasheet HTML 16Page - NVE Corporation IL715 Datasheet HTML 17Page - NVE Corporation IL715 Datasheet HTML 18Page - NVE Corporation IL715 Datasheet HTML 19Page - NVE Corporation IL715 Datasheet HTML 20Page - NVE Corporation IL715 Datasheet HTML 21Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
IL715/IL716/IL717
19
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
ISB-DS-001-IL715/6/7-AL
April 2024
Change
•
Changed V-Series minimum supply specification from 2.7 V to 2.95 V (p. 2),
lot codes ≥240900.
ISB-DS-001-IL715/6/7-AK
Change
•
Upgraded to IEC 60747-17 (VDE 0884-17):2021-10 (p. 3).
ISB-DS-001-IL715/6/7-AJ
Change
•
Increased V-Series isolation specification from 6 kVrms to 7 kVRMS (9.9 kVPK),
lot codes ≥240900.
ISB-DS-001-IL715/6/7-AI
Changes
•
Upgraded to IEC 60747-17 (VDE 0884-17):2021-10 (p. 3).
•
Increased Working Voltage ratings based on latest VDE testing (p. 3).
•
Added “VE” version ATEX / IEC 60079 certification for intrinsically safe applications (p. 3).
ISB-DS-001-IL715/6/7-AH
Changes
•
Upgraded CMTI specifications.
•
Added ATEX / IEC 60079 Intrinsic Safety pending (p. 3).
•
Added output-side dynamic current specifications (pp. 6 and 7).
ISB-DS-001-IL715/6/7-AG
Changes
•
Added degree symbol to temperatures on p. 17.
•
Deleted redundant parts list table on p. 17.
•
Corrected three incorrect RoHS designations in table on p. 18.
ISB-DS-001-IL715/6/7-AF
Changes
•
Extended minimum operating power supply to 2.7 volts.
•
Explicitly listed part types for max. operating temperatures.
•
Updated EMC standards.
•
Deleted minimum magnetic field immunity specifications since it is not 100% tested.
•
Revised thermal characteristics.
•
Added Typical Performance Graphs.
•
More detailed description of operation.
ISB-DS-001-IL715/6/7-AE
Change
•
Updated VDE Reinforced Isolation file number and description.
ISB-DS-001-IL715/6/7-AD
Changes
•
•
•
•
Clarified 600 V CTI specification is for 0.3" SOIC only (p. 2).
•
•
•
•
Corrected typographical error in “Available Parts” table (p. 15).
ISB-DS-001-IL715/6/7-AC
Changes
•
Updated VDE certification standard to VDE V 0884-10.
•
Upgraded “V” Version Surge Immunity specification to 12.8 kV.
•
Upgraded “V” Version VDE 0884-10 rating to reinforced insulation.
•
Corrected QSOP pin width dimension (p. 10).
ISB-DS-001-IL715/6/7-AB
Changes
•
Increased V-Series isolation voltage to 6 kVrms.
•
Increased typ. Total Barrier Thickness specification to 0.016 mm.
•
Increased CTI min. specification to ≥600 Vrms.
ISB-DS-001-IL715/6/7-AA
Changes
•
Added V-Series 5 kV isolation voltage versions.
•
More detailed “Available Parts” table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com