Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL715T Datasheet(PDF) 13 Page - NVE Corporation

Part # IL715T
Description  High Speed Four-Channel Digital Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL715T Datasheet(HTML) 13 Page - NVE Corporation

Back Button IL715T Datasheet HTML 9Page - NVE Corporation IL715T Datasheet HTML 10Page - NVE Corporation IL715T Datasheet HTML 11Page - NVE Corporation IL715T Datasheet HTML 12Page - NVE Corporation IL715T Datasheet HTML 13Page - NVE Corporation IL715T Datasheet HTML 14Page - NVE Corporation IL715T Datasheet HTML 15Page - NVE Corporation IL715T Datasheet HTML 16Page - NVE Corporation IL715T Datasheet HTML 17Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IL715/IL716/IL717
13
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Package Drawings
Ultraminiature 16-pin QSOP Package (-1 suffix)
0.188 (4.77)
0.197 (5.00)
0.025 (0.635)
0.004 (0.10)
0.010 (0.25)
NOTE: Pin spacing is a BASIC
dimension; tolerances
do not accumulate
0.060 (1.52)
0.069 (1.75)
0.228 (5.8)
0.244 (6.2)
0.150 (3.8)
0.157 (4.0)
0.050 (1.27)
0.056 (1.42)
0.009 (0.2)
0.012 (0.3)
0.007 (0.20)
0.010 (0.25)
0.020 (0.50)
0.029 (0.75)
NOM
Dimensions in inches (mm); scale = approx. 5X
0.15" 16-pin SOIC Package (-3 suffix)
0.386(9.8)
0.394(10.0)
0.049(1.24)
0.051(1.30)
0.007(0.2)
0.013(0.3)
Pin1identified
by eitheran
indentora
marked dot
0.004(0.1)
0.012(0.3)
0.016(0.4)
0.050(1.3)
NOTE: PinspacingisaBASIC
dimension;tolerances
donotaccumulate
0.054(1.4)
0.072(1.8)
0.228(5.8)
0.244(6.2)
0.150(3.81)
0.157(3.99)
0.054(1.37)
0.062(1.58)
0.013(0.3)
0.020(0.5)
NOM
Dimensionsininches(mm);scale=approx.5X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com