Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL715VE Datasheet(PDF) 2 Page - NVE Corporation

Part # IL715VE
Description  High Speed Four-Channel Digital Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL715VE Datasheet(HTML) 2 Page - NVE Corporation

  IL715VE Datasheet HTML 1Page - NVE Corporation IL715VE Datasheet HTML 2Page - NVE Corporation IL715VE Datasheet HTML 3Page - NVE Corporation IL715VE Datasheet HTML 4Page - NVE Corporation IL715VE Datasheet HTML 5Page - NVE Corporation IL715VE Datasheet HTML 6Page - NVE Corporation IL715VE Datasheet HTML 7Page - NVE Corporation IL715VE Datasheet HTML 8Page - NVE Corporation IL715VE Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IL715/IL716/IL717
2
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Absolute Maximum Ratings
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
TS
−55
150
°C
Junction Temperature
TJ
−55
150
°C
Ambient Operating Temperature(1)
TA
−55
130
°C
Supply Voltage
VDD1, VDD2
−0.5
7
V
Input Voltage
VI
−0.5
VDD+0.5
V
Output Voltage
VO
−0.5
VDD+0.5
V
Output Current Drive
IO
10
mA
Lead Solder Temperature
260
°C
10 sec.
ESD
2
kV
HBM
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Ambient Operating Temperature
“T” and “V” Versions
All other part types
TA
−40
125
100
°C
Junction Temperature
“T” and “V” Versions
All other part types
TJ
−40
125
110
°C
Supply Voltage
“V” Versions
All other part types
VDD1; VDD2
2.95
2.7
5.5
5.5
V
Logic High Input Voltage
VIH
2.4
VDD
V
Logic Low Input Voltage
VIL
0
0.8
V
Input Signal Rise and Fall Times
tIR, tIF
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com