Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6301 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP6301
Description  High Power Switching Applications 3-Phase Motor Drive and Bipolar Drive of Pulse Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6301 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP6301 Datasheet HTML 1Page - Toshiba Semiconductor MP6301 Datasheet HTML 2Page - Toshiba Semiconductor MP6301 Datasheet HTML 3Page - Toshiba Semiconductor MP6301 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MP6301
2006-10-27
1
TOSHIBA Power Transistor Module Silicon NPN&PNP Epitaxial Type
(Six Darlington Power Transistors inOne)
MP6301
High Power Switching Applications
3-Phase Motor Drive and Bipolar Drive of Pulse Motor
• Small package by full molding (SIP 12 pins)
• High collector power dissipation (6-device operation)
: PT = 4.4 W (Ta = 25°C)
• High collector current: IC (DC) = ±3 A (max)
• High DC current gain: hFE = 2000 (min) (VCE = ±2 V, IC = ±1 A)
Absolute Maximum Ratings (Ta = 25°C)
Rating
Characteristics
Symbol
NPN
PNP
Unit
Collector-base voltage
VCBO
100
−100
V
Collector-emitter voltage
VCEO
80
−80
V
Emitter-base voltage
VEBO
8
−8
V
DC
IC
3
−3
Collector current
Pulse
ICP
5
−5
A
Continuous base current
IB
0.5
−0.5
A
Collector power dissipation
(1-device operation)
PC
2.0
W
Collector power dissipation
(6-device operation)
PT
4.4
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Array Configuration
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-32C1F
Weight: 3.9 g (typ.)
2
1
R1 R2
11
R1 ≈ 4.5 kΩ, R2 ≈ 300 Ω
5
8
10
7
4
3
6
9
12
R1 R2


Similar Part No. - MP6301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP6301 TOSHIBA-MP6301 Datasheet
102Kb / 4P
High Power Switching Applications 3-Phase Motor Drive and Bipolar Drive of Pulse Motor
More results

Similar Description - MP6301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1020A TOSHIBA-2SB1020A Datasheet
204Kb / 4P
TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SB1381 TOSHIBA-2SB1381 Datasheet
207Kb / 4P
TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
MP6403 TOSHIBA-MP6403 Datasheet
451Kb / 10P
HIGH POWER SWITCHING APPLICATION 3 PHASE MOTOR AND BIPOLAR DRIVE OF PULSE MOTOR
MP6301 TOSHIBA-MP6301 Datasheet
102Kb / 4P
High Power Switching Applications 3-Phase Motor Drive and Bipolar Drive of Pulse Motor
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
MP4024 TOSHIBA-MP4024 Datasheet
133Kb / 4P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4025 TOSHIBA-MP4025_07 Datasheet
139Kb / 3P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4104 TOSHIBA-MP4104_07 Datasheet
146Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP6404 TOSHIBA-MP6404_07 Datasheet
213Kb / 11P
High Power High Speed Switching Applications 3-Phase Motor Drive and Stepping Motor Drive Applications
2SD1357 TOSHIBA-2SD1357 Datasheet
273Kb / 3P
HIGH POWER SWITCHING APPLICATIONS. HAMMER DRIVE, PULSE. MOTOR DRIVE APPLICATIONS.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com