Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY1908PM Datasheet(PDF) 1 Page - HOOYI SEMICONDUCTOR

Part # HY1908PM
Description  N-Channel Enhancement Mode MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR

HY1908PM Datasheet(HTML) 1 Page - HOOYI SEMICONDUCTOR

  HY1908PM Datasheet HTML 1Page - HOOYI SEMICONDUCTOR HY1908PM Datasheet HTML 2Page - HOOYI SEMICONDUCTOR HY1908PM Datasheet HTML 3Page - HOOYI SEMICONDUCTOR HY1908PM Datasheet HTML 4Page - HOOYI SEMICONDUCTOR HY1908PM Datasheet HTML 5Page - HOOYI SEMICONDUCTOR HY1908PM Datasheet HTML 6Page - HOOYI SEMICONDUCTOR HY1908PM Datasheet HTML 7Page - HOOYI SEMICONDUCTOR HY1908PM Datasheet HTML 8Page - HOOYI SEMICONDUCTOR HY1908PM Datasheet HTML 9Page - HOOYI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HY1908P/M/B/PS/PM/MF
N-Channel Enhancement Mode MOSFET
PM
PS
B
M
HOOYI
HOOYI
HOOYI
HY1908
reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Pin Description
Ordering and Marking Information
Applications
• Power Management for Inverter Systems.
N-Channel MOSFET
G
S
D
Note:
lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS.
lead-free products meet or exceed the lead-free
requirements of IPC/JEDEC J-STD-020D for MSL classification at lead-free peak reflow temperature.
defines “Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed 900ppm by weight in
homogeneous material and total of Br and Cl does not exceed 1500ppm by weight).
G : Lead Free Device
P
Date Code
Package Code
Assembly Material
ÿ
1
HOOYI
YYXXXJWW G
YYXXX WW
HY1908
ÿ
YYXXXJWW G
HY1908
ÿ
YYXXXJWW G
www.hooyi.cc
HY1908
ÿ
YYXXXJWW G
HY1908
ÿ
YYXXXJWW G
Features
•
80V/90A,
R
DS(ON)=
m
Ω (typ.) @ V
GS=10V
•
Avalanche Rated
•
Reliable and Rugged
•
Lead Free and Green Devices Available
(RoHS Compliant)
7.0
TO-3PS-3M
TO-3PS-3L
TO-263-2L
TO-220FB-3S
TO-220FB-3L
G
D
S
G
D
S
G
D
S
G
D
S
G
D
S
151010
PM: TO-3PS-3M
PS: TO-3PS-3L
B: TO-263-2L
M : TO-220FB-3S
P : TO-220FB-3L
TO-220MF-3L
G
D
S
MF
HY1908
ÿ
YYXXXJWW G
MF: TO-220MF-3L


Similar Part No. - HY1908PM

ManufacturerPart #DatasheetDescription
logo
HUAYI MICROELECTRONICS ...
HY1908C2 HUAYI-HY1908C2 Datasheet
819Kb / 9P
Single N-Channel Enhancement Mode MOSFET
More results

Similar Description - HY1908PM

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com