Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY1908 Datasheet(PDF) 13 Page - HOOYI SEMICONDUCTOR

Part # HY1908
Description  N-Channel Enhancement Mode MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR

HY1908 Datasheet(HTML) 13 Page - HOOYI SEMICONDUCTOR

Back Button HY1908 Datasheet HTML 7Page - HOOYI SEMICONDUCTOR HY1908 Datasheet HTML 8Page - HOOYI SEMICONDUCTOR HY1908 Datasheet HTML 9Page - HOOYI SEMICONDUCTOR HY1908 Datasheet HTML 10Page - HOOYI SEMICONDUCTOR HY1908 Datasheet HTML 11Page - HOOYI SEMICONDUCTOR HY1908 Datasheet HTML 12Page - HOOYI SEMICONDUCTOR HY1908 Datasheet HTML 13Page - HOOYI SEMICONDUCTOR HY1908 Datasheet HTML 14Page - HOOYI SEMICONDUCTOR HY1908 Datasheet HTML 15Page - HOOYI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
HY1908P/M/B/PS/PM/MF
www.hooyi.cc
TO-220MF-3L
MIN
NOM
MAX
E
9.86
10.16
10.46
E1
9.76
10.04
10.34
E2
9.26
9.46
9.66
A
4.50
4.70
4.90
A1
2.34
2.54
2.74
A2
0.
0.56
0.
A4
2.63
2.76
2.89
A5
c
0.45
0.50
0.60
D
15.47
15.87
16.27
Q
H1
e
P
3.06
3.18
3.40
L
12.58
12.98
13.38
L1
2.81
2.93
3.05
L2
7.55
7.80
8.05
P1
1.40
1.50
1.60
P2
0.95
1.00
1.05
P3
3.30
3.45
3.60
θ1
3°
5°
7°
θ2
-
45°
-
DEP
0.05
0.10
0.15
F1
1.00
1.50
2.00
F2
13.50
13.90
14.30
F3
3.15
3.30
3.45
F4
5.15
5.40
5.65
G
7.70
8.00
8.30
G1
6.70
7.00
7.30
G3
1.25
1.35
1.45
b1
1.23
1.28
1.38
b2
0.75
0.80
0.90
K1
0.65
0.70
0.75
R
0.50REF
6.70REF
2.54BSC
SYMBOL
MM
1.00REF
9.40REF
30
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com