Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4124 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N4124
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N4124 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N4124 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N4124 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N4124 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
2N4124
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10uA ; IE= 0
30
--
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10uA ; IB= 0
25
--
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IC= 10uA ; IC= 0
5
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 50mA; IB= 5mA
--
0.3
V
VBE(sat)
Base-Emitter Saturation voltage
IC= 50mA; IB= 5mA
--
0.95
V
ICBO
Collector Cutoff current
VCB= 20V; IE=0
--
50
nA
ICEO
Collector Cutoff current
VCE= 20V; IB=0
--
50
nA
IEBO
Emitter Cut-off current
VEB= 3V; IC= 0A
--
50
nA
hFE-1
DC Current Gain
IC= 2mA; VCE= 1V
120
360
--
hFE-2
DC Current Gain
IC= 50mA; VCE= 1V
60
--
--
PACKAGE DIMENSIONS (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com