Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD2X75MPS17N Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # GD2X75MPS17N
Description  SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GD2X75MPS17N Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  GD2X75MPS17N Datasheet HTML 1Page - Inchange Semiconductor Company Limited GD2X75MPS17N Datasheet HTML 2Page - Inchange Semiconductor Company Limited GD2X75MPS17N Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCDM7047
eq GD2X75MPS17N
SiC Schottky Diode
www.iscsemi.com
1
DESCRIPTION
·
Enhanced Surge and Avalanche Robustness
·
Low Thermal Resistance
·
Low Reverse Leakage Current
APPLICATIONS
·
Solar Inverters
·
Motor Drives
·
High Frequency Rectifers
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
1700
V
IF(AV)
Average Rectified Forward Current (per leg) /(per Device)
TC=127℃,D=1
75/150
A
IFSM
Non-Repetitive Peak Forward Surge Current,
Half SineWave (Per Leg)
750
A
IFRM
Repetitive Peak Forward Surge Current,
Half Sine Wave(Per Leg)
450
A
I2t
i2t Value (Per Leg)
2812
A2S
dv/dt
Diode Ruggedness (Per Leg)
200
V/ns
PD
Power Dissipation (Per Leg
556
W
TJ
Junction Temperature
-55~+175
℃
Tstg
Storage Temperature Range
-55~+175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP.
UNIT
Rth j-c
Thermal Resistance,Junction to Case(Per Leg)
0.27
℃
/W


Similar Part No. - GD2X75MPS17N

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GD2X75MPS17N GENESIC-GD2X75MPS17N Datasheet
595Kb / 7P
1700V 150A SiC Schottky MPS??Diode
More results

Similar Description - GD2X75MPS17N

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com