Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCDM7047 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCDM7047
Description  SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCDM7047 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCDM7047 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCDM7047 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCDM7047 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCDM7047
eq GD2X75MPS17N
SiC Schottky Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX
UNIT
VF
Forward voltage drop
IF= 75A ;Tj =25℃
--
1.8
V
IF= 75A ;Tj =175℃
2.4
--
V
IR
Reverse leakagecurrent
VR= VRWM ;Tj =25℃
--
10
uA
VR= VRWM ;Tj =175℃
41
--
uA
QC
Total Capacitive Charge
IF≤IFMAX,
dlF/dt = 200 A/us
VR=600V
358
--
nC
C
Total Capacitance
VR=1V,f=1MHZ
4580
--
pF
PACKAGE OUTLINE(Unit:mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com