Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN300N20X3 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IXFN300N20X3
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXFN300N20X3 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IXFN300N20X3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXFN300N20X3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXFN300N20X3 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISFM1313
eq IXFN300N20X3
N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0, ID= 3.0mA
200
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 200V, VGS= 0V
--
25
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V, VDS= 0V
--
±
200
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=8mA
2.5
4.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V, ID= 150A
--
3.5
mΩ
VSD
Forward On-Voltage
IS= 100A, VGS= 0V
--
1.4
V
PACKAGE DIMENSIONS (UNIT: mm)
DIM
Millimeter
min
max
A
31.40
31.60
B
7.70
8.10
C
4.20
4.40
D
4.20
4.40
E
4.10
4.40
F
14.90
15.10
G
30.10
30.30
H
38.00
38.40
J
12.00
12.60
K
9.35
9.65
L
0.74
0.84
M
12.30
12.70
N
24.40
25.00
0
1.90
2.10
P
2.92
3.32
Q
26.60
27.00
R
3.80
4.20
S
4.95
5.45
T
23.70
24.30
U
0
0.10
V
3.50
5.50
W
20.15
20.45
Z
2.50
2.70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com