Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD422243 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # LD422243
Description  POW-R-BLOK Dual SCR/Diode Isolated Module (430 Amperes / Up to 2200 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LD422243 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  LD422243 Datasheet HTML 1Page - Powerex Power Semiconductors LD422243 Datasheet HTML 2Page - Powerex Power Semiconductors LD422243 Datasheet HTML 3Page - Powerex Power Semiconductors LD422243 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
430 Amperes / Up to 2200 Volts
Revision Date: 11/1/2001
LD42__43
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 2200V, TJ=125°C
80
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 2200V, TJ=125°C
80
mA
Peak On-State Voltage
VTM / VFM
ITM / IFM =1500A
1.77
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 15%IT(AV) to πIT(AV)
VTM = V(TO)1 + rT1 I
0.88
0.66
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 125°C, I = πIT(AV) to ITSM
VTM = V(TO)2 + rT2 I
1.34
0.32
V
mΩ
VTM Coefficients, Full Range
TJ = 125°C, I = 10A to 6kA
VTM / VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.766
-1.046E-02
1.805E-04
2.00E-02
Minimum dV/dt
dV/dt
Exponential to VDRM
Tj=125°C, Gate Open
1000 Typ.
V/µs
Gate Trigger Current
IGT
Tj=25°C, VD=12V
200
mA
Gate Trigger Voltage
VGT
Tj=25°C, VD=12V
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=125°C, VD= ½ VDRM
0.25
Volts
Peak Forward Gate Current
IGTM
4.0
Amp
Peak Reverse Gate Voltage
VGRM
5
Volts
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.0325
0.0650
°C/W
°C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/
τ1))
+ K2 (1-exp(-t/
τ2))
+ K3 (1-exp(-t/
τ3))
+ K4 (1-exp(-t/
τ4))
K1 = 8.03E-04
K2 = 1.03E-02
K3 = 1.64E-02
K4 = 3.75E-02
τ1 = 3.39E-04
τ2 = 3.15E-03
τ3 = 0.106
τ4 = 2.066
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.01
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com