Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15AC06FP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH15AC06FP
Description  Ultrafast Recovery Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH15AC06FP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH15AC06FP Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH15AC06FP Datasheet HTML 2Page - Inchange Semiconductor Company Limited STTH15AC06FP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ultrafast Recovery Rectifier Diode
STTH15AC06FP
www.iscsemi.com
1
FEATURES
· Ultrafast switching
· Low reverse current
· Low reverse current
APPLICATIONS
· The device is also intended for use as a
freewheeling diode in power supplies and
other power switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
600
V
IF(AV)
Average Rectified Forward Current
15
A
IF(RMS)
Forward rms current
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
120
A
TJ
Max.Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~+175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.4
℃
/W


Similar Part No. - STTH15AC06FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH15AC06 STMICROELECTRONICS-STTH15AC06 Datasheet
305Kb / 8P
Reduces switching and conduction losses
24-Apr-2015
STTH15AC06C STMICROELECTRONICS-STTH15AC06C Datasheet
331Kb / 11P
Low reverse recovery current
October 2013 Rev 1
More results

Similar Description - STTH15AC06FP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D100K ADPOW-APT15D100K Datasheet
55Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D30K ADPOW-APT15D30K Datasheet
22Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60K ADPOW-APT15D60K Datasheet
53Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D30B ADPOW-APT30D30B Datasheet
30Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D30S ADPOW-APT30D30S Datasheet
33Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT60D120B ADPOW-APT60D120B Datasheet
56Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT2X61D120J ADPOW-APT2X61D120J_05 Datasheet
147Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K_05 Datasheet
123Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60BCA ADPOW-APT15D60BCA_05 Datasheet
125Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Seme LAB
1N5806D2A SEME-LAB-1N5806D2A Datasheet
199Kb / 4P
ULTRAFAST RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com