Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HU2D331MT Datasheet(PDF) 12 Page - DB Lectro Inc

Part # HU2D331MT
Description  CHIP TYPE, MID-TO-HIGH VOLTAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU2D331MT Datasheet(HTML) 12 Page - DB Lectro Inc

Back Button HU2D331MT Datasheet HTML 5Page - DB Lectro Inc HU2D331MT Datasheet HTML 6Page - DB Lectro Inc HU2D331MT Datasheet HTML 7Page - DB Lectro Inc HU2D331MT Datasheet HTML 8Page - DB Lectro Inc HU2D331MT Datasheet HTML 9Page - DB Lectro Inc HU2D331MT Datasheet HTML 10Page - DB Lectro Inc HU2D331MT Datasheet HTML 11Page - DB Lectro Inc HU2D331MT Datasheet HTML 12Page - DB Lectro Inc HU2D331MT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Reel
A
3
2.0
13 0.5
23
(Unit: mm)
D L
4 5.4/5.8
5 5.4/5.8
6.3 5.4/5.8/7.7
8 6.2/10.5
10 10.5
10 13.5
12.5 13.5/16
16 16.5
A
14
14
18
26
26
26
34
46
B
382
382
382
382
382
382/332*
382/332*
332*
*For a small package
Package Quantity
Size
( D L)
Reel
(pcs)
In-box
(reels)
Quantity/In-box
(pcs)
4 In-boxes/Carton
(pcs)
4 5.5/5.8
2,000
6
12,000
48,000
5 5.4/5.8
1,000
6
6,000
24,000
6.3 5.4/5.8
1,000
5
5,000
20,000
6.3 7.7
1,000
5
5,000
20,000
8 6.2
1,000
5
5,000
20,000
8 10.5
500
4
2,000
8,000
10 10.5
500
4
2,000
8,000
10 13.5
300/250*
4
1,200/1,000*
4,800/4000*
12.5 13.5
200/150*
3
600/450*
2,400/1,800*
12.5 16
200/150*
3
600/450*
2,400/1,800*
16 16.5
125*
2
250*
1,000*
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety
for your application, please contact us immediately for technical assistance before purchase.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com