Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS431650 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # LS431650
Description  POW-R-BLOK Single SCR Isolated Module (500 Amperes / Up to 1600 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LS431650 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  LS431650 Datasheet HTML 1Page - Powerex Power Semiconductors LS431650 Datasheet HTML 2Page - Powerex Power Semiconductors LS431650 Datasheet HTML 3Page - Powerex Power Semiconductors LS431650 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Single SCR Isolated Module
500 Amperes / Up to 1600 Volts
Revision Date: 4/19/2002
LS43__50
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Forward and Reverse Blocking
Voltage
VDRM & VRRM
up to 1600
V
Non-Repetitive Peak Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100
V
RMS Forward Current
IT(RMS)
900
A
Average Forward Current
180° Conduction, TC=86°C
IT(AV)
500
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied
50 Hz, 100% VRRM reapplied
ITSM
ITSM
17,000
16,300
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, 100%VRRM reapplied
ITSM
12,250
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied
ITSM
10,500
A
I
2t for Fusing for One Cycle
8.3 milliseconds
10 milliseconds
I
2t
I
2t
1.20 x 10
6
1.33 x 10
6
A
2 sec
A
2 sec
Maximum Rate-of-Rise of On-State Current,
(Repetitive)
Per JEDEC Standard 397 5.2.2.6
di/dt
200
A/µs
Operating Temperature
TJ
-40 to +130
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw
55
6
in. – Lb.
Nm
Max. Mounting Torque, M10 Terminal Screw
110
12
in. – Lb.
Nm
Module Weight, Typical
816
g
1.80
lb
V Isolation @ 25C
Vrms
3000
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com