Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN47A5 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # RN47A5
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN47A5 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  RN47A5 Datasheet HTML 1Page - Toshiba Semiconductor RN47A5 Datasheet HTML 2Page - Toshiba Semiconductor RN47A5 Datasheet HTML 3Page - Toshiba Semiconductor RN47A5 Datasheet HTML 4Page - Toshiba Semiconductor RN47A5 Datasheet HTML 5Page - Toshiba Semiconductor RN47A5 Datasheet HTML 6Page - Toshiba Semiconductor RN47A5 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RN47A5
2007-11-01
3
Electrical Characteristics (Ta = 25°C) (Q1)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50 V, IE = 0
⎯
⎯
100
Collector cut-off current
ICEO
VCE = 50 V, IB = 0
⎯
⎯
500
nA
Emitter cut-off current
IEBO
VEB = 10 V, IC = 0
0.082
⎯
0.15
mA
DC current gain
hFE
VCE = 5 V, IC = 10 mA
80
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
⎯
0.1
0.3
V
Input voltage (ON)
VI (ON)
VCE = 0.2 V, IC = 5 mA
1.5
⎯
5.0
V
Input voltage (OFF)
VI (OFF)
VCE = 5 V, IC = 0.1 mA
1.0
⎯
1.5
V
Transition frequency
fT
VCE = 10 V, IC = 5 mA
⎯
250
⎯
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
3
⎯
pF
Input resistor
R1
⎯
32.9
47
61.1
k
Ω
Resistor ratio
R1/R2
⎯
0.8
1.0
1.2
Electrical Characteristics (Ta = 25°C) (Q2)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −50 V, IE = 0
⎯
⎯
−100
Collector cut-off current
ICEO
VCE = −50 V, IB = 0
⎯
⎯
−500
nA
Emitter cut-off current
IEBO
VEB = −7 V, IC = 0
−0.36
⎯
−0.68
mA
DC current gain
hFE
VCE = −5 V, IC = −10 mA
50
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = −5 mA, IB = −0.25 mA
⎯
−0.1
−0.3
V
Input voltage (ON)
VI (ON)
VCE = −0.2 V, IC = −5 mA
−0.7
⎯
−2.5
V
Input voltage (OFF)
VI (OFF)
VCE = −5 V, IC = −0.1 mA
−0.3
⎯
−1.1
V
Transition frequency
fT
VCE = −10 V, IC = −5 mA
⎯
200
⎯
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
3
⎯
pF
Input resistor
R1
⎯
3.29
4.7
6.11
k
Ω
Resistor ratio
R1/R2
⎯
⎯
0.47
⎯



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com