Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT6L77FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MT6L77FS
Description  VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT6L77FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MT6L77FS Datasheet HTML 1Page - Toshiba Semiconductor MT6L77FS Datasheet HTML 2Page - Toshiba Semiconductor MT6L77FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MT6L77FS
2007-11-01
2
ELECTRICAL CHARACTERISTICS Q1 (Ta = 25°C)
CHARACTERISTICS
SYMBOL
C O N D I T I O N
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
⎯
⎯
0.1
μA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
⎯
⎯
1
μA
DC Current Gain
hFE
VCE = 1 V, IC = 5 mA
100
⎯
160
⎯
Reverse Transfer Capacitance
Cre (Note)
VCB = 1 V, IE = 0, f = 1 MHz
⎯
0.65
0.9
pF
Transition Frequency
fT
VCE = 1 V, IC = 5 mA
4
6
⎯
GHz
⎪S21e⎪
2 (1)
VCE = 1 V, IC = 5 mA, f = 2 GHz
⎯
3.5
⎯
Insertion Gain
⎪S21e⎪
2 (2)
VCE = 3 V, IC = 20 mA, f = 2 GHz
4
6.5
⎯
dB
Noise Figure
NF
VCE = 1 V, IC = 5 mA, f = 2 GHz
⎯
2.4
3.2
dB
ELECTRICAL CHARACTERISTICS Q2 (Ta = 25°C)
CHARACTERISTICS
SYMBOL
C O N D I T I O N
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
⎯
⎯
0.1
μA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
⎯
⎯
0.5
μA
DC Current Gain
hFE
VCE = 1 V, IC = 5 mA
110
⎯
160
⎯
Reverse Transfer Capacitance
Cre (Note)
VCB = 1 V, IE = 0, f = 1 MHz
⎯
0.5
0.7
pF
Transition Frequency
fT
VCE = 1 V, IC = 10 mA
6.5
8.5
⎯
GHz
⎪S21e⎪
2 (1)
VCE = 1 V, IC = 10 mA, f = 2 GHz
⎯
8
⎯
Insertion Gain
⎪S21e⎪
2 (2)
VCE = 3 V, IC = 20 mA, f = 2 GHz
8.5
10
⎯
dB
Noise Figure
NF
VCE = 1 V, IC = 10 mA, f = 2 GHz
⎯
1.2
2
dB
Note : Cre is measured by 3 terminal method capacitance bridge.
Caution
This device is sensitive to electrostatic discharge due to applied the high frequency transistor process of
fT=60GHz class is used for this product.
Please make enough tool and equipment earthed when you handle.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com