Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ035PBF Datasheet(PDF) 1 Page - International Rectifier

Part # 30CPQ035PBF
Description  SCHOTTKY RECTIFIER 30 Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPQ035PBF Datasheet(HTML) 1 Page - International Rectifier

  30CPQ035PBF Datasheet HTML 1Page - International Rectifier 30CPQ035PBF Datasheet HTML 2Page - International Rectifier 30CPQ035PBF Datasheet HTML 3Page - International Rectifier 30CPQ035PBF Datasheet HTML 4Page - International Rectifier 30CPQ035PBF Datasheet HTML 5Page - International Rectifier 30CPQ035PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I
F(AV) Rectangular
30
A
waveform
V
RRM
3
5/45
V
I
FSM
@ tp = 5 μs sine
1020
A
V
F
@15 Apk, T
J=125°C
0.50
V
(per leg)
T
J
- 55 to 150
°C
Characteristics
Values
Units
Major Ratings and Characteristics
Description/ Features
The 30CPQ...PbF center tap Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for reliable
operation up to 150° C junction temperature. Typical applica-
tions are in switching power supplies, converters, free-wheel-
ing diodes, and reverse battery protection.
150° C T
J operation
Center tap TO-247 package
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
SCHOTTKY RECTIFIER
30 Amp
30CPQ035PbF
30CPQ040PbF
30CPQ045PbF
Bulletin PD-20784 rev. A 11/06
1
www.irf.com
Case Styles
TO-247AC
Base
Common
Cathode
Anode
Anode
Common
Cathode
13
2
1
2
2
IF(AV) = 30Amp
VR = 3
5/ 45V


Similar Part No. - 30CPQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CPQ035PBF VISHAY-30CPQ035PBF Datasheet
117Kb / 6P
Schottky Rectifier, 2 x 15 A
13-Aug-08
30CPQ035PBF VISHAY-30CPQ035PBF Datasheet
161Kb / 7P
Schottky Rectifier, 2 x 15 A
01-Sep-11
30CPQ035PBF VISHAY-30CPQ035PBF_12 Datasheet
161Kb / 7P
Schottky Rectifier, 2 x 15 A
01-Sep-11
More results

Similar Description - 30CPQ035PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
55Kb / 4P
SCHOTTKY RECTIFIER 30 Amp
logo
Microsemi Corporation
21FQ040 MICROSEMI-21FQ040 Datasheet
136Kb / 2P
30 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
21FQ IRF-21FQ Datasheet
47Kb / 4P
SCHOTTKY RECTIFIER 30 Amp
30CTQ060STRLPBF IRF-30CTQ060STRLPBF Datasheet
258Kb / 7P
SCHOTTKY RECTIFIER 30 Amp
30L30CTPBF IRF-30L30CTPBF Datasheet
533Kb / 7P
SCHOTTKY RECTIFIER 30 Amp
MBR2535CTPBF IRF-MBR2535CTPBF Datasheet
169Kb / 6P
SCHOTTKY RECTIFIER 30 Amp
30CPQ080G IRF-30CPQ080G Datasheet
167Kb / 6P
SCHOTTKY RECTIFIER 30 Amp
30CPQ050PBF IRF-30CPQ050PBF Datasheet
211Kb / 6P
SCHOTTKY RECTIFIER 30 Amp
logo
New Jersey Semi-Conduct...
SBR3035 NJSEMI-SBR3035 Datasheet
87Kb / 1P
30 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com