Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB70T3FF Datasheet(PDF) 53 Page - STMicroelectronics

Part # M58BW016DB70T3FF
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB70T3FF Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M58BW016DB70T3FF Datasheet HTML 49Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 50Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 51Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 52Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 53Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 54Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 55Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 56Page - STMicroelectronics M58BW016DB70T3FF Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Package mechanical
53/69
Figure 20.
LBGA80 10 × 12 mm - 8 × 10 active ball array, 1 mm pitch, package outline
1.
Drawing is not to scale.
Table 23.
LBGA80 10 × 12 mm - 8 × 10 active ball array, 1 mm pitch, package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.700
0.0669
A1
0.350
0.0138
A2
1.100
0.0433
b
0.500
0.0197
D
10.000
–
–
0.3937
–
–
D1
7.000
–
–
0.2756
–
–
ddd
0.120
0.0047
E
12.000
–
–
0.4724
–
–
E1
9.000
–
–
0.3543
–
–
e
1.000
–
–
0.0394
–
–
FD
1.500
–
–
0.0591
–
–
FE
1.500
–
–
0.0591
–
–
SD
0.500
–
–
0.0197
–
–
SE
0.500
–
–
0.0197
–
–
E1
E
D1
D
eb
A2
A1
A
BGA-Z05
ddd
FD
FE
SD
SE
e
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com