Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6501ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM6501ST
Description  INSULATED GATE BIPOLAR TRANSISTOR (IGBT) IN A HERMETIC TO-257AA PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM6501ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM6501ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6501ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.1 - 139
3.1
500 Volt, 5 And 10 Amp, N-Channel IGBT
In A Hermetic Metal Package
4 11 R2
Supersedes 2 07 R1
INSULATED GATE BIPOLAR TRANSISTOR
(IGBT) IN A HERMETIC TO-257AA PACKAGE
OM6501ST
OM6502ST
FEATURES
• Isolated Hermetic Metal Package
• High Input Impedance
• Low On-Voltage
• High Current Capability
• Fast Turn-Off
• Low Conductive Losses
• Available Screened to MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
The IGBT power transistor features a high impedance insulated gate and a low
on-resistance characteristic of bipolar transistors. These devices are ideally suited
for motor drives, UPS converters, power supplies and resonant power converters.
MAXIMUM RATINGS @ 25°C Unless Specified Otherwise
PART
I
C (Cont.)
V
(BR)CES
V
CE (sat) (Typ.)
T
f (Typ.)
q
q
JC
P
D
T
J
NUMBER
@ 90°C, A
V
V
ns
°C/W
W
°C
OM6501ST
5
500
2.8
400
3.8
35
150
OM6502ST
10
500
2.8
400
3.0
42
150
SCHEMATIC
MECHANICAL OUTLINE
PACKAGE OPTIONS
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
Pin 1: Collector
Pin 2: Emitter
Pin 3: Gate
Collector
Emitter
12 3
CE G
Gate
Note: IGBTs are also available in Z-Tab, dual and quad pak styles - Please call the factory for more information.
MOD PAK
6 PIN SIP


Similar Part No. - OM6501ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6516SC ETC-OM6516SC Datasheet
20Kb / 2P
1000 Volt, 25 Amp, N-Channel IGBT In A Hermetic Metal Package
logo
International Rectifier
OM6516SC IRF-OM6516SC Datasheet
26Kb / 2P
Isolated IGBTs In A Hermetic Package
OM6516SC IRF-OM6516SC_15 Datasheet
26Kb / 2P
Isolated IGBTs In A Hermetic Package
logo
List of Unclassifed Man...
OM6517SA ETC2-OM6517SA Datasheet
27Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR (IGBT) IN A HERMETIC TO-254AA PACKAGE
logo
International Rectifier
OM6517SA IRF-OM6517SA Datasheet
38Kb / 2P
Isolated IGBTs In A Hermetic Package
More results

Similar Description - OM6501ST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
List of Unclassifed Man...
OM6517SA ETC2-OM6517SA Datasheet
27Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR (IGBT) IN A HERMETIC TO-254AA PACKAGE
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
logo
Foshan Blue Rocket Elec...
BRG10N120D FOSHAN-BRG10N120D Datasheet
770Kb / 6P
Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
BRG15N120D FOSHAN-BRG15N120D Datasheet
1Mb / 9P
Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
BRG20N120D FOSHAN-BRG20N120D Datasheet
769Kb / 6P
Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
BRG25N120D FOSHAN-BRG25N120D Datasheet
769Kb / 6P
Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
BRG60N65D FOSHAN-BRG60N65D Datasheet
1Mb / 10P
Insulated-Gate Bipolar Transistor in a TO-3P Plastic Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com