Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD4307 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PD4307
Description  POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PD4307 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PD4307 Datasheet HTML 1Page - Powerex Power Semiconductors PD4307 Datasheet HTML 2Page - Powerex Power Semiconductors PD4307 Datasheet HTML 3Page - Powerex Power Semiconductors PD4307 Datasheet HTML 4Page - Powerex Power Semiconductors PD4307 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
700 Amperes / Up to 1800 Volts
Electrical Characteristics, TJ=25
°°°°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 1800V, TJ=125
° C
100
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1800V, TJ=125
° C
100
mA
Peak On-State Voltage
VTM
ITM=3000A, TJ=125
° C
1.30
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125
° C, I = 15%IT(AV) to πIT(AV)
0.703
0.184
V
m
Ω
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 125
° C, I = πIT(AV) to ITSM
1.01
0.117
V
m
Ω
VTM Coefficients, Full Range
TJ = 125
° C, I = 50A to 6kA
VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.7999
-4.62 E-02
7.33 E-05
1.10 E-02
Minimum dV/dt
dV/dt
Exponential to 0.67VDRM
Tj=125
° C, Gate Open
600
V/
µs
Gate Trigger Current
IGT
Tj=25
° C, VD=12V
200
mA
Gate Trigger Voltage
VGT
Tj=25
° C, VD=12V
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=125
° C, VD= ½ VDRM
0.15
Volts
Holding Current
IH
300
mA
Peak Forward Gate Current
IGTM
4.0
Amp
Peak Reverse Gate Voltage
VGRM
5
Volts
Maximum Average Gate Power Dissipation
PGM (AVE)
16
Watts
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.029
0.058
° C/W
° C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/t1))
+ K2 (1-exp(-t/t2))
+ K3 (1-exp(-t/t3))
+ K4 (1-exp(-t/t4))
K1 = 5.04 E-04
K2 = 2.31 E-03
K3 = 2.83 E-03
K4 =5.24 E-02
t1 = 2.47 E-03
t2 = 4.42 E-02
t3 = 1.370
t4 = 9.668
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.009
° C/W
10/04/2002
PD43__07



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com